Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE28F640L30T110 Datasheet(PDF) 7 Page - Intel Corporation

Part # GE28F640L30T110
Description  1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F640L30T110 Datasheet(HTML) 7 Page - Intel Corporation

Back Button GE28F640L30T110 Datasheet HTML 3Page - Intel Corporation GE28F640L30T110 Datasheet HTML 4Page - Intel Corporation GE28F640L30T110 Datasheet HTML 5Page - Intel Corporation GE28F640L30T110 Datasheet HTML 6Page - Intel Corporation GE28F640L30T110 Datasheet HTML 7Page - Intel Corporation GE28F640L30T110 Datasheet HTML 8Page - Intel Corporation GE28F640L30T110 Datasheet HTML 9Page - Intel Corporation GE28F640L30T110 Datasheet HTML 10Page - Intel Corporation GE28F640L30T110 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
28F640L30, 28F128L30, 28F256L30
Datasheet
7
1.0
Introduction
This document provides information about the 1.8 Volt Intel StrataFlash
® wireless memory with
3-Volt I/O (L30) device. This document describes the L30 flash memory device features, operation,
and specifications.
1.1
Nomenclature
1.8 V: VCC voltage range of 1.7 V – 2.0 V (except where noted)
3.0 V Range: VCCQ voltage range of 2.2 V – 3.3 V
VPP = 9.0 V: VPP voltage range of 8.5 V – 9.5 V
Block: A group of bits, bytes or words within the flash memory array that erase simultaneously
when the Erase command is issued to the device. The L30 flash memory device has two block
sizes: 16K-Word, and 64K-Word.
Main block: An array block that is usually used to store code and/or data. Main blocks are larger
than parameter blocks.
Parameter block: An array block that is usually used to store frequently changing data or small
system parameters that traditionally would be stored in EEPROM.
Top parameter device: Previously referred to as a top-boot device, a device with its parameter
partition located at the highest physical address of its memory map. Parameter blocks within a
parameter partition are located at the highest physical address of the parameter partition.
Bottom parameter device: Previously referred to as a bottom-boot device, a device with its
parameter partition located at the lowest physical address of its memory map. Parameter blocks
within a parameter partition are located at the lowest physical address of the parameter partition.
Partition: A group of blocks that share common program/erase circuitry. Blocks within a partition
also share a common status register. If any block within a partition is being programmed or erased,
only status register data (rather than array data) is available when any address within that partition
is read.
Main partition: A partition containing only main blocks.
Parameter partition: A partition containing parameter blocks and main blocks.
1.2
Acronyms
CUI: Command User Interface
MLC: Multi-Level Cell
OTP: One-Time Programmable
PLR: Protection Lock Register
PR: Protection Register
RCR: Read Configuration Register
RFU: Reserved for Future Use
SR: Status Register
WSM: Write State Machine


Similar Part No. - GE28F640L30T110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F640L18B85 INTEL-GE28F640L18B85 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
GE28F640L18T85 INTEL-GE28F640L18T85 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com