Part Name
         Description
AND190CRP

 Ultra Bright LED Lamps GaAlAs Red Light Emission T-3 Package (10 mm) ( 2 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94086
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
6-1-99
AND190CRP
Ultra Bright LED Lamps: Type 1
Weight: 1.0 g
Unit: mm
10.0
±0.2
Cathode Index
1. Anode
2. Cathode
0.5
2.54
12
AND190CRP
GaAlAs Red Light Emission
T-3 Package (10 mm)
Features
• Peak wavelength (
λp = 660 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current, (forward current = 1 to 20 mA)
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• High power luminous intensity
• Suitable for Outdoor Message Signboards
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
40
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
125
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
1.85
2.4
V
Reverse Current
IR
VR = 4 V
––
10
µA
Luminous Intensity
IV
IF = 20 mA
6,000
10,700
mcd
Peak Emission Wavelength
lP
IF = 20 mA
660
nm
Spectral Line Half Width
∆λ
IF = 20 mA
20
nm
Dominant Wavelength
λd
IF = 20 mA
640
nm
Full Viewing Angle
θ
IV = 1/2 Peak
8
degree



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP5602High Efficiency Ultra Small Thinnest White LED Driver 1 2 3 4 5 MoreON Semiconductor
OMR9807SC200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1 2 3 4 5 International Rectifier
ESD9X3.3ST5GESD Protection Diodes In Ultra Small SOD-923 Package 1 2 3 4 ON Semiconductor
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
LEF-C5002TFULL COLOR LED LAMPS 1 List of Unclassifed Manufacturers
TLUR440Universal LED in 3 mm Tinted Diffused Package 1 2 3 4 5 Vishay Siliconix
MV5000MP1PCB MOUNT LED INDICATORS 1 2 3 4 5 MoreQT Optoelectronics
21-0110PACKAGE OUTLINE 32L TQFP 5x5x1.0mm 1 2 Dallas Semiconductor
NUF4210MNLow Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package 1 2 3 4 ON Semiconductor
1N5807USSURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS 1 2 3 Microsemi Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl