Electronic Components Datasheet Search |
|
74LVC2G53GT Datasheet(PDF) 5 Page - NXP Semiconductors |
|
74LVC2G53GT Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 24 page 74LVC2G53_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 31 March 2006 5 of 24 Philips Semiconductors 74LVC2G53 2-channel analog multiplexer/demultiplexer 9. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For TSSOP8 package: above 55 °C the value of P tot derates linearly with 2.5 mW/K. For VSSOP8 package: above 110 °C the value of P tot derates linearly with 8 mW/K. For XSON8 package: above 45 °C the value of P tot derates linearly with 2.4 mW/K. 10. Recommended operating conditions [1] To avoid drawing VCC current out of terminal A when switch current flows in terminal Bn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal A, no VCC current will flow out of terminal Bn. In this case, there is no limit for the voltage drop across the switch. [2] Applies to control signal levels. Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +6.5 V VI input voltage [1] −0.5 +6.5 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 - −50 mA ISK switch clamping current VI < −0.5 V or VI >VCC + 0.5 - ±50 mA VSW switch voltage enable and disable mode −0.5 VCC + 0.5 V ISW switch current VSW = −0.5 V to (VCC + 0.5 V) - ±50 mA ICC quiescent supply current - 100 mA IGND ground current - −100 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [2] - 300 mW Table 7. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 1.65 - 5.5 V VI input voltage 0 - 5.5 V VSW switch voltage enable and disable mode [1] 0- VCC V Tamb ambient temperature −40 - +125 °C ∆t/∆V input transition rise and fall rate VCC = 1.65 V to 2.7 V [2] 0 - 20 ns/V VCC = 2.7 V to 5.5 V [2] 0 - 10 ns/V |
Similar Part No. - 74LVC2G53GT |
|
Similar Description - 74LVC2G53GT |