Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2N7002S
Description  SURFACE MOUNT Dual N-Channel Enhancement MOS FET / VOLTAGE 60 Volts CURRENT 0.250 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2N7002S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2N7002S Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N7002S Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N7002S Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N7002S Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N7002S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING CHARACTERISTIC CURVES ( 2N7002S )
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 10 µA
60
70
V
IDSS
Zero Gate Voltage Drain Current
VDS = 60 V, VGS = 0 V
1
µA
TC=125°C
0.5
mA
IGSSF
Gate - Body Leakage, Forward
VGS = 15 V, VDS = 0 V
10
nA
IGSSR
Gate - Body Leakage, Reverse
VGS = -15 V, VDS = 0 V
-10
nA
ON CHARACTERISTICS (Note 1)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
2.0
2.5
V
RDS(ON)
Static Drain-Source On-Resistance
VGS = 10 V, ID = 250 mA
1.7
3.0
VGS = 4.0 V, ID = 100 mA
2.5
4.0
VDS(ON)
Drain-Source On-Voltage
V
VGS = 10 V, ID = 500mA
0.6
3.75
VGS = 5.0 V, ID = 50 mA
0.09
1.5
ID(ON)
On-State Drain Current
mA
VGS = 10 V, VDS = 7.5VDS(on)
800
1300
VGS = 4.5V, VDS = 10VDS(on)
500
700
gFS
Forward Transconductance
mS
VDS = 15 V DS(on), ID = 200 m A
250
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
25
50
Coss
Output Capacitance
6
25
pF
Crss
Reverse Transfer Capacitance
1.2
6
3
5
Qg
Total Gate Charge
VDS
D
= 30 V, VGS = 10 V,
I = 250 mA
0.6
1.0
Qgs
Gate-Source Charge
0.06
25
nC
Qgd
Gate-Drain Charge
0.06
5
ton
Turn-On Time
nS
VDD = 30 V, RL = 200
,
ID = 100 mA, VGS = 10 V,
RGEN = 10
20
toff
tr
tf
Turn-Off Time
nS
VDD = 30 V, RL = 200
,
ID = 100 mA, VGS = 10 V,
RGEN = 10
20
7.5
7.5
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS
Maximum Continuous Drain-Source Diode Forward Current
115
mA
ISM
Maximum Pulsed Drain-Source Diode Forward Current
0.8
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 200 mA (Note 1)
0.85
1.2
V
Note:
1. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.


Similar Part No. - 2N7002S

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2N7002SPT CHENMKO-2N7002SPT Datasheet
145Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002SSPT CHENMKO-2N7002SSPT Datasheet
423Kb / 5P
   Dual N-Channel Enhancement MOS FET
More results

Similar Description - 2N7002S

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2N7002SSPT CHENMKO-2N7002SSPT Datasheet
423Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002VPT CHENMKO-2N7002VPT Datasheet
174Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002DSPT CHENMKO-2N7002DSPT Datasheet
246Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002SPT CHENMKO-2N7002SPT Datasheet
145Kb / 5P
   Dual N-Channel Enhancement MOS FET
logo
First Silicon Co., Ltd
ABS26S FS-ABS26S Datasheet
241Kb / 3P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 60 Volts Forward Current 2.0 Ampere
logo
DAESAN ELECTRONIC CORP.
SM120 DAESAN-SM120 Datasheet
264Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
Rectron Semiconductor
05S2 RECTRON-05S2 Datasheet
356Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM220C RECTRON-FM220C Datasheet
34Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Ampere
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com