Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5079 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5079
Description  ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5079 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5079 Datasheet HTML 1Page - Maxim Integrated Products MAX5079 Datasheet HTML 2Page - Maxim Integrated Products MAX5079 Datasheet HTML 3Page - Maxim Integrated Products MAX5079 Datasheet HTML 4Page - Maxim Integrated Products MAX5079 Datasheet HTML 5Page - Maxim Integrated Products MAX5079 Datasheet HTML 6Page - Maxim Integrated Products MAX5079 Datasheet HTML 7Page - Maxim Integrated Products MAX5079 Datasheet HTML 8Page - Maxim Integrated Products MAX5079 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ORing MOSFET Controller with
Ultra-Fast 200ns Turn-Off
_______________________________________________________________________________________
5
0
20
10
40
30
60
50
70
90
80
100
00.2 0.30.4
0.1
0.5 0.6 0.7
0.9
0.8
1.0
SLOW-COMPARATOR BLANKING TIME
tSTH vs. CSTH (RSTH = 180k
Ω)
CSTH (
µF)
75mV OVERDRIVE
FAST-COMPARATOR REVERSE VOLTAGE
THRESHOLD (VFTH vs. RFTH)
RFTH (k
Ω)
140
120
80
100
40
60
20
0.1
0.3
0.5
0.2
0.4
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
0
TA = +125
°C
TA = +85
°C
TA = -40
°C
FAST-COMPARATOR RESPONSE TIME
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
8
16
24
32
40
48
56
64
72
80
0
-40
125
VIN = 5V, VAUXIN = 0V
VIN = 1V, VAUXIN = 5V
VIN = 2.75V,
VAUXIN = 12V
VIN = 12V,
VAUXIN = 0V
CHARGE-PUMP FREQUENCY
vs. INPUT VOLTAGE
VIN (V)
14
12
10 11
13
9
7 8
2 3 4 5 6
1
62
64
66
68
70
72
74
76
78
80
60
015
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
GATE-CHARGE CURRENT vs. CEXT
CEXT (nF)
10
0.5
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
6.0
0
1
100
VIN = 12V
3.0
5.5
FAULT CURRENT WAVEFORM
(IN SHORTED TO PGND)
MAX5079 toc09
VIN = 5V, VBUS = 5V,
VAUXIN = 0V, CSTH = 0,
RSTH = OPEN, RFTH = 0,
UVLO = IN
BUS
5V/div
IN
5V/div
GATE
10V/div
MOSFET REVERSE
CURRENT
5A/div
400ns/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted. See the Typical Operating Circuit.)


Similar Part No. - MAX5079

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079 MAXIM-MAX5079 Datasheet
298Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 1; 3/09
MAX5079 MAXIM-MAX5079 Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
MAX5079EUD MAXIM-MAX5079EUD Datasheet
298Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 1; 3/09
MAX5079EUD MAXIM-MAX5079EUD Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
MAX5079EVKIT MAXIM-MAX5079EVKIT Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
More results

Similar Description - MAX5079

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079 MAXIM-MAX5079_V01 Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
MAX5079 MAXIM-MAX5079_09 Datasheet
298Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 1; 3/09
logo
Monolithic Power System...
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
   Fast Turn-off Intelligent Controller
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
   Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
   Fast Turn-off Intelligent Controller
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
   Dual Fast Turn-off Intelligent Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Vishay Siliconix
VOMDA1271 VISHAY-VOMDA1271 Datasheet
1Mb / 9P
   Automotive Photovoltaic MOSFET Driver With Integrated Fast Turn-Off
Rev. 1.0, 17-Apr-2023
logo
SEMPO ELECTRONIC Limite...
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
   Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
   Fast Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com