Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010A
Description  High Voltage 1A Step Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5010A Datasheet HTML 4Page - National Semiconductor (TI) LM5010A Datasheet HTML 5Page - National Semiconductor (TI) LM5010A Datasheet HTML 6Page - National Semiconductor (TI) LM5010A Datasheet HTML 7Page - National Semiconductor (TI) LM5010A Datasheet HTML 8Page - National Semiconductor (TI) LM5010A Datasheet HTML 9Page - National Semiconductor (TI) LM5010A Datasheet HTML 10Page - National Semiconductor (TI) LM5010A Datasheet HTML 11Page - National Semiconductor (TI) LM5010A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Functional Description
The LM5010A Step Down Switching Regulator features all
the functions needed to implement a low cost, efficient buck
DC-DC converter capable of supplying in excess of 1A to the
load. This high voltage regulator integrates an 80V
N-Channel buck switch, with an easy to implement constant
on-time controller. It is available in the thermally enhanced
LLP-10 and TSSOP-14EP packages. The regulator com-
pares the feedback voltage to a 2.5V reference to control the
buck switch, and provides a switch on-time which varies
inversely with VIN. This feature results in the operating
frequency remaining relatively constant with load and input
voltage variations. The switching frequency can range from
less than 100 kHz to 1.0 MHz. The regulator requires no loop
compensation resulting in very fast load transient response.
The valley current limit circuit holds the buck switch off until
the free-wheeling inductor current falls below the current
limit threshold, nominally set at 1.25A.
The LM5010A can be applied in numerous applications to
efficiently step down higher DC voltages. This regulator is
well suited for 48V telecom applications, as well as the 42V
automotive power bus. Features include: Thermal shutdown,
VCC under-voltage lock-out, gate drive under-voltage lock-
out, and maximum duty cycle limit.
Control Circuit Overview
The LM5010A employs a control scheme based on a com-
parator and a one-shot on-timer, with the output voltage
feedback (FB) compared to an internal reference (2.5V). If
the FB voltage is below the reference the buck switch is
turned on for a time period determined by the input voltage
and a programming resistor (R
ON). Following the on-time the
switch remains off for a fixed 260 ns off-time, or until the FB
voltage falls below the reference, whichever is longer. The
buck switch then turns on for another on-time period. Refer-
ring to the Block Diagram, the output voltage is set by R1
and R2. The regulated output voltage is calculated as fol-
lows:
V
OUT = 2.5V x (R1 + R2) / R2
(1)
20153811
FIGURE 1. Startup Sequence
www.national.com
8


Similar Part No. - LM5010A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A-Q1 TI1-LM5010A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A-Q1 TI-LM5010A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010AMH/NOPB TI-LM5010AMH/NOPB Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com