Part Name
         Description
KB814

 GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES ( 8 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 3 page
background image
PHOTOCOUPLER
KB814
SPEC NO: DSAD1533
REV NO: V.3
DATE: JUN/19/2003
PAGE: 3 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.H.LI
Transfer
charact-
eristics
Response time
Rise time
Fall time
t
VCE=2V, IC=2mA
RL=100
Ω
3
18
4
18
μ
μ
Forward voltage
* Electro-optical Characteristics
Current transfer ratio
Peak forward voltage
Collector dark current
Collector-emitter saturation voltage
Input
Output
IFM=± 0.5A
3.0
VFM
VCE(sat)
CTR
ICEO
IF=± 20mA, IC=1mA
IF=± 1mA, VCE=5V
0.1
0.2
20
300
VCE=20V,IF=0mA
-7
10
Parameter
VF
Symbol
IF=± 20mA
Conditions
1.2
1.4
Typ.
Min.
Max.
V
V
%
A
V
Unit
t
f
r
Classification table of current transfer ratio is shown below.
X 100%
CTR=
Ic
F
I
Model NO.
Rank mark
CTR(%)
KB814L
L
20~60
KB814A
A
50~150
KB814B
B
120~300
KB814LA
L or A
20~150
KB814AB
A or B
50~300
KB814
L,A,B or No mark
20~300
(Ta=25 C)
°



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
BC807DSPNP general purpose double transistor 1 2 3 4 5 MoreNXP Semiconductors
BSS76HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Seme LAB
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
AQV212SGU General Use Type SOP Series [1-Channel Form A Type] 1 2 3 Nais(Matsushita Electric Works)
2SA2029M3PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
M180UFGHIGH VOLTAGE RECTIFIER 1 Voltage Multipliers Inc.
2SC5657Horizontal Deflection Transistor Series for TV 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl