Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192P822X9200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 192P822X9200
Description  Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

192P822X9200 Datasheet(HTML) 3 Page - Vishay Siliconix

  192P822X9200 Datasheet HTML 1Page - Vishay Siliconix 192P822X9200 Datasheet HTML 2Page - Vishay Siliconix 192P822X9200 Datasheet HTML 3Page - Vishay Siliconix 192P822X9200 Datasheet HTML 4Page - Vishay Siliconix 192P822X9200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 42024
Revision 13-Nov-03
www.vishay.com
72
Type 192P Pacer
®
Vishay Sprague
For technical questions, contact spresale@vishay.com
200 VDC/140 VAC**
STANDARD RATINGS in inches [millimeters]
L
SIZE
D
CAPACITANCE
(
µF)
PART NUMBER
400 VDC/200 VAC**
192P471X9400
192P561X9400
192P681X9400
192P821X9400
192P102X9400
192P122X9400
192P152X9400
192P182X9400
192P222X9400
192P272X9400
192P332X9400
192P392X9400
192P472X9400
192P562X9400
192P682X9400
192P822X9400
192P103X9400
192P123X9400
192P153X9400
192P183X9400
192P223X9400
192P273X9400
192P333X9400
192P393X9400
192P473X9400
192P563X9400
192P683X9400
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.250 [6.350]
0.250 [6.350]
0.250 [6.350]
0.250 [6.350]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.645 [16.383]
0.645 [16.383]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
1.020 [25.908]
1.020 [25.908]
1.332 [33.833]
1.332 [33.833]
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
600 VDC/200 VAC*
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
Note: Shaded Part Numbers shown above are standard stock items available through the Vishay/Sprague® Distribution Network. Packaging for
these items is bulk, however tape and reel packaging is readily available on special order. Also, any non-standard Part Number may always be
ordered as a special.
**60Hz rms.
192P471X9600
192P561X9600
192P681X9600
192P821X9600
192P102X9600
192P122X9600
192P152X9600
192P182X9600
192P222X9600
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.625 [15.875]
0.625 [15.875]
0.562 [14.275]
0.562 [14.275]
0.687 [17.450]
0.687 [17.450]
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
192P123X9200
192P153X9200
192P183X9200
192P223X9200
192P273X9200
192P333X9200
192P393X9200
192P473X9200
192P563X9200
192P683X9200
192P823X9200
192P104X9200
192P124X9200
192P154X9200
192P184X9200
192P224X9200
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.250 [6.350]
0.250 [6.350]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.562 [14.275]
0.562 [14.275]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.645 [16.383]
0.645 [16.383]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
1.020 [25.908]
1.020 [25.908]
1.332 [33.833]
1.332 [33.833]


Similar Part No. - 192P822X9200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
More results

Similar Description - 192P822X9200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
RFE international
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
MERITEK ELECTRONICS COR...
PEIM MERITEK-PEIM Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
MERITEK ELECTRONICS COR...
MPEM MERITEK-MPEM Datasheet
109Kb / 1P
   Miniature Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com