Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRF61014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BRF61014
Description  NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BRF61014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BRF61014 Datasheet HTML 1Page - List of Unclassifed Manufacturers BRF61014 Datasheet HTML 2Page - List of Unclassifed Manufacturers BRF61014 Datasheet HTML 3Page - List of Unclassifed Manufacturers BRF61014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
High Gain Bandwidth Product
f
t
= 12 GHz typ @ I
C
= 10 mA
Low Noise Figure
1.6 dB typ at 1 GHz
2.0 dB typ at 2 GHz
High Gain
|S
21
|
2 = 18.1 dB @ 1 GHz
12.8 dB @ 2 GHz
Dice, Plastic, Hermetic and Surface
Mount packages available
PERFORMANCE DATA:
Electrical Characteristics (T
A = 25
oC)
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PRODUCT DATA SHEET
BIPOLARICS, INC.
Part Number BRF610
SYMBOL
PARAMETERS & CONDITIONS
UNIT
MIN.
TYP.
MAX.
V
CE
=8V, I
C
= 10 mA unless stated
V
CBO
Collector-Base Voltage
9
V
V
CEO
Collector-Emitter Voltage
7
V
V
EBO
Emitter-Base Voltage
1.5
V
I
C CONT
Collector Current
20
mA
T
J
Junction Temperature
200
oC
T
STG
Storage Temperature
-65 to 150
oC
SYMBOL
PARAMETERS
RATING
UNITS
Absolute Maximum Ratings:
Insertion Power Gain:
f = 1.0 GHz
18.1
f = 2.0 GHz
12.8
NF
Noise Figure: V
CE
=8V, I
C
= 2mA
f = 1.0 GHz
dB
1.6
Z
S
= 50
C
CB
Collector Base Capacitance: V
CB
= 8V
f = 1MHz
pF
0.11
I
CBO
Collector Cutoff Current
: V
CB
=8V
µA
0.2
V
CE
= 8V, I
C
= 10 mA
f
t
|S
21
| 2
DESCRIPTION AND APPLICATIONS:
Bipolarics' BRF610is a high performance silicon bipolar
transistor intended for use in low noise application at VHF,
UHF and microwave frequencies. High performance low
noise performance can be realized at 2 mA or less making the
BRF610an excellent choice for battery applications. From 10
mA to greater than 20mA, f
t is nominally 10 GHz. Maximum
recommended continuous current is 20 mA. A broad range of
packages are offered including SOT-23, SOT-143, plastic and
ceramic 0.085" Micro-X, 0.070" Stripline and unencapsulated
dice.
Gain Bandwidth Product
GHz
12
P
1d B
Power output at 1dB compression:
f = 1.0 GHz
dBm
12
G
1d B
Gain at 1dB compression:
f = 1.0 GHz
dBm
15
h
FE
Forward Current Transfer Ratio:
f = 1MHz
50
100
250
I
EBO
Emitter Cutoff Current : V
EB
=1V
µA
1.0


Similar Part No. - BRF61014

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRF60R190 FOSHAN-BRF60R190 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF60R750 FOSHAN-BRF60R750 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF60R850 FOSHAN-BRF60R850 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF65R160C FOSHAN-BRF65R160C Datasheet
1Mb / 9P
   N-CHANNEL 650V Super-Junction Power MOSFET in a TO-220FL Plastic Package
BRF65R380C FOSHAN-BRF65R380C Datasheet
1Mb / 9P
   N-CHANNEL 650V Super-Junction Power MOSFET in a TO-220F Plastic Package
More results

Similar Description - BRF61014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRF504 ETC1-BRF504 Datasheet
13Kb / 1P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V114 ETC1-B12V114 Datasheet
42Kb / 7P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com