Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRF61002J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BRF61002J
Description  NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BRF61002J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BRF61002J Datasheet HTML 1Page - List of Unclassifed Manufacturers BRF61002J Datasheet HTML 2Page - List of Unclassifed Manufacturers BRF61002J Datasheet HTML 3Page - List of Unclassifed Manufacturers BRF61002J Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PAGE
3
BIPOLARICS, INC.
Part Number BRF610
BRF61092
Package Style 92: TO-92
BRF61014
Package Style 14: SOT-143
PackageStyle 02J: SOT-23J
BRF61002J
BRF61002
PackageStyle 02: SOT-23
0.30
0.51
1.39
1.57
2.25
2.75
0.45
0.60
0.95
2.65
3.04
0.00
0.10
0.45
0.60
0.10
0.79
1.1
1.90


Similar Part No. - BRF61002J

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRF60R190 FOSHAN-BRF60R190 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF60R750 FOSHAN-BRF60R750 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF60R850 FOSHAN-BRF60R850 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF65R160C FOSHAN-BRF65R160C Datasheet
1Mb / 9P
   N-CHANNEL 650V Super-Junction Power MOSFET in a TO-220FL Plastic Package
BRF65R380C FOSHAN-BRF65R380C Datasheet
1Mb / 9P
   N-CHANNEL 650V Super-Junction Power MOSFET in a TO-220F Plastic Package
More results

Similar Description - BRF61002J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRF504 ETC1-BRF504 Datasheet
13Kb / 1P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
B12V114 ETC1-B12V114 Datasheet
42Kb / 7P
   NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com