Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR30 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSR30
Description  PNP medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR30 Datasheet(HTML) 7 Page - NXP Semiconductors

  BSR30 Datasheet HTML 1Page - NXP Semiconductors BSR30 Datasheet HTML 2Page - NXP Semiconductors BSR30 Datasheet HTML 3Page - NXP Semiconductors BSR30 Datasheet HTML 4Page - NXP Semiconductors BSR30 Datasheet HTML 5Page - NXP Semiconductors BSR30 Datasheet HTML 6Page - NXP Semiconductors BSR30 Datasheet HTML 7Page - NXP Semiconductors BSR30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1999 Apr 26
7
Philips Semiconductors
Product specification
PNP medium power transistors
BSR30; BSR31; BSR33
NOTES


Similar Part No. - BSR30

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BSR30 KEXIN-BSR30 Datasheet
38Kb / 2P
   PNP Medium Power Transistors
logo
NXP Semiconductors
BSR30 NXP-BSR30 Datasheet
118Kb / 7P
   PNP medium power transistors
2004 Dec 13
logo
Nexperia B.V. All right...
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
logo
Diodes Incorporated
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
More results

Similar Description - BSR30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com