Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4860-1YRJZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4860-1YRJZ-RL
Description  High Speed, Low Cost, Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4860-1YRJZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4860-1YRJZ-RL Datasheet HTML 2Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 3Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 4Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 5Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 6Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 7Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 8Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 9Page - Analog Devices ADA4860-1YRJZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4860-1
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 150 Ω and CL = 4 pF, unless otherwise noted.
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VOUT = 0.2V p-p
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = –1, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 4. Small Signal Frequency Response for Various Gains
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VOUT = 2V p-p
G = –1, RF = RG = 499Ω
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 5. Large Signal Frequency Response for Various Gains
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +2
VOUT = 2V p-p
RF = RG = 499Ω
VS = +5V
VS = ±5V
Figure 6. Large Signal 0.1 dB Flatness
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VOUT = 0.2V p-p
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = –1, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 7. Small Signal Frequency Response for Various Gains
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VOUT = 2V p-p
G = –1, RF = RG = 499Ω
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 8. Large Signal Frequency Response for Various Gains
7
0
1
2
3
4
5
6
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
G = +2
RF = RG = 499Ω
VOUT = 4V p-p
VOUT = 2V p-p
VOUT = 1V p-p
Figure 9. Large Signal Frequency Response for Various Output Levels


Similar Part No. - ADA4860-1YRJZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4860-1YRJZ-RL1 AD-ADA4860-1YRJZ-RL1 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1YRJZ-RL71 AD-ADA4860-1YRJZ-RL71 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
More results

Similar Description - ADA4860-1YRJZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
ADA4861-3 AD-ADA4861-3_16 Datasheet
704Kb / 17P
   High Speed, Low Cost, Triple Op Amp
ADA4861-3 AD-ADA4861-3 Datasheet
687Kb / 16P
   High Speed, Low Cost, Triple Op Amp
REV. A
ADA4861-3 AD-ADA4861-3_15 Datasheet
848Kb / 17P
   High Speed, Low Cost, Triple Op Amp
REV. A
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com