Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4853-1AKSZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4853-1AKSZ-RL
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADA4853-1AKSZ-RL Datasheet HTML 1Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 2Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 3Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 4Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 5Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, Rail-to-Rail Output,
Video Op Amp with Ultralow Power Disable
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power-down current: 0.1 μA
Low quiescent current: 1.4 mA/amplifier
Ideal for standard definition video
High speed
100 MHz, −3 dB bandwidth
120 V/μs slew rate
0.5 dB flatness: 22 MHz
Differential gain: 0.20%
Differential phase: 0.10°
Single-supply operation
Rail-to-rail output
Output swings to within 200 mV of either rail
Low voltage offset: 1 mV
Wide supply range: 2.65 V to 5 V
APPLICATIONS
Portable multimedia players
Video cameras
Digital still cameras
Consumer video
PIN CONFIGURATIONS
VOUT 1
+IN 3
2
ADA4853-1
TOP VIEW
(Not to Scale)
–VS
+VS
6
–IN
4
5
POWER DOWN
NC = NO CONNECT
1
VOUT1
2
–IN1
3
+IN1
4
–VS
11
VOUT2
12
+VS
10
–IN2
9
+IN2
ADA4853-2
+
+
Figure 1. 6-Lead SC70
Figure 2. 16-Lead LFCSP_VQ
1
DISABLE 1
2
DISABLE 2
3
DISABLE 3
4
+VS
11
+IN
12
–VS
10
–IN
9
VOUT
ADA4853-3
+–
+–
+
ADA4853-3
1
2
3
4
5
6
7
DISABLE 2
DISABLE 3
+VS
VOUT
–IN
+IN
DISABLE 1
14
13
12
11
10
9
8
–IN
+IN
–VS
VOUT
–IN
+IN
VOUT
+ –
+ –
+
Figure 3. 16-Lead LFCSP_VQ
Figure 4. 16-Lead TSSOP
GENERAL DESCRIPTION
The ADA4853-1/ADA4853-2/ADA4853-3 are low power, low
cost, high speed, rail-to-rail output op amps with ultralow
power disable that are ideal for portable consumer electronics.
Despite their low price, the ADA4853-1/ADA4853-2/ADA4853-3
provide excellent overall performance and versatility. The
100 MHz, −3 dB bandwidth and 120 V/μs slew rate make these
amplifiers well-suited for many general-purpose, high speed
applications.
The ADA4853-1/ADA4853-2/ADA4853-3 voltage feedback op
amps are designed to operate at supply voltages as low as 2.65 V
and up to 5 V using only 1.4 mA of supply current per amplifier.
To further reduce power consumption, the amplifiers are equipped
with a power-down mode that lowers the supply current to less
than 1.5 μA maximum, making them ideal in battery-powered
applications.
The ADA4853-1/ADA4853-2/ADA4853-3 provide users with a
true single-supply capability, allowing input signals to extend
200 mV below the negative rail and to within 1.2 V of the
positive rail. On the output, the amplifiers can swing within
200 mV of either supply rail.
With their combination of low price, excellent differential gain
(0.2%), differential phase (0.10°), and 0.5 dB flatness out to
22 MHz, these amplifiers are ideal for video applications.
The ADA4853-1 is available in a 6-lead SC70, the ADA4853-2 is
available in a 16-lead LFCSP_VQ, and the ADA4853-3 is available
in both a 16-lead LFCSP_VQ and a 14-lead TSSOP. The
ADA4853-1 temperature range is −40°C to +85°C, while the
ADA4853-2/ADA4853-3 temperature range is −40°C to +105°C.
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
0.1
1
10
40
FREQUENCY (MHz)
VS =5V
RL =150Ω
G= +2
0.1V p-p
2.0V p-p
Figure 5. 0.5 dB Flatness Frequency Response


Similar Part No. - ADA4853-1AKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4853-1AKSZ-RL AD-ADA4853-1AKSZ-RL Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4853-1AKSZ-RL AD-ADA4853-1AKSZ-RL Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
More results

Similar Description - ADA4853-1AKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com