Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4411-3ARQZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4411-3ARQZ
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ Datasheet(HTML) 4 Page - Analog Devices

  ADA4411-3ARQZ Datasheet HTML 1Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 2Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 3Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 4Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 5Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 6Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 7Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4411-3
Rev. 0 | Page 4 of 16
VS = ±5 V, @ TA = 25°C, VO = 1.4 V p-p, G = ×2, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
Offset Error
Input referred, all channels
13
32
mV
Offset Adjust Range
Input referred
±500
mV
Input Voltage Range, All Inputs
VS− − 0.1
VS+ − 2.0
V
Output Voltage Swing, All Outputs
Positive swing
VS+ − 0.42
VS+ − 0.24
V
Negative swing
VS− + 0.24
VS− + 0.42
V
Linear Output Current per Channel
30
mA
Integrated Voltage Noise, Referred to Input
All channels
0.50
mV rms
Filter Input Bias Current
All channels
6.3
μA
Total Harmonic Distortion at 1 MHz
FC = 36 MHz, FC = 18 MHz/FC = 9 MHz
0.01/0.03
%
Gain Error Magnitude
G = ×2/G = ×4
0.13/0.13
0.34/0.36
dB
FILTER DYNAMIC PERFORMANCE
−1 dB Bandwidth
Cutoff frequency select = 36 MHz
30.0
MHz
Cutoff frequency select = 18 MHz
15.0
MHz
Cutoff frequency select = 9 MHz
7.8
MHz
−3 dB Bandwidth
Cutoff frequency select = 36 MHz
33
36
MHz
Cutoff frequency select = 18 MHz
17
18
MHz
Cutoff frequency select = 9 MHz
8
9
MHz
Out-of-Band Rejection
f = 75 MHz
−31
−42
dB
Crosstalk
f = 5 MHz, FC = 36 MHz
−62
dB
Input MUX Isolation
f = 1 MHz, RSOURCE = 300 Ω
91
dB
Propagation Delay
f = 5 MHz, FC = 36 MHz
19
25
ns
Group Delay Variation
Cutoff frequency select = 36 MHz
7
ns
Cutoff frequency select = 18 MHz
13
ns
Cutoff frequency select = 9 MHz
22
ns
Differential Gain
NTSC, FC = 9 MHz
0.04
%
Differential Phase
NTSC, FC = 9 MHz
0.16
Degrees
CONTROL INPUT PERFORMANCE
Input Logic 0 Voltage
All inputs except DISABLE
0.8
V
Input Logic 1 Voltage
All inputs except DISABLE
2.0
V
Input Bias Current
All inputs except DISABLE
10
15
μA
DISABLE PERFORMANCE
DISABLE Assert Voltage
VS+ − 0.5
V
DISABLE Assert Time
75
ns
DISABLE Deassert Time
125
ns
DISABLE Input Bias Current
34
45
μA
Input-to-Output Isolation—Disabled
f = 10 MHz
90
dB
POWER SUPPLY
Operating Range
4.5
12
V
Quiescent Current
57
60
mA
Quiescent Current—Disabled
15
150
μA
PSRR, Positive Supply
All channels
64
74
dB
PSRR, Negative Supply
All channels
57
65
dB


Similar Part No. - ADA4411-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
   Integrated Triple Video Filter and Buffer with Selectable
REV. 0
More results

Similar Description - ADA4411-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
   Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
REV. B
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
logo
Analog Devices
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
   Integrated Triple Video Filter and Buffer with Selectable
REV. 0
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
logo
Analog Devices
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
   Integrated Video Filter with Selectable Cutoff
REV. B
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com