Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4000-1AUJZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4000-1AUJZ
Description  Low Cost, Precision JFET Input Operational Amplifier in TSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1AUJZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4000-1AUJZ Datasheet HTML 1Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 2Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 3Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 4Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 5Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 6Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 7Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Cost, Precision JFET Input Operational
Amplifier in TSOT
Preliminary Technical Data
ADA4000-1
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Very low offset voltage: 1 mV max
Bias current: 10 pA max
Small packaging, TSOT-23 lead-free
±5 V to ±15 V operation
High slew rate: 20 V/μs
Low voltage noise: 15 nV/
√Hz
Unity gain stable
Wide bandwidth: 6 MHz
APPLICATIONS
Reference gain/buffers
Level shift/driving
Active filters
Power line monitoring/control
Current/voltage sense or monitoring
Data acquisition
Sample-and-hold circuits
Integrators
PIN CONFIGURATIONS
Figure 1. 5-Lead TSOT (UJ-5)
Figure 2. 8-Lead SOIC (R-8)
GENERAL DESCRIPTION
The AD4004 is a JFET input operational amplifier featuring
precision, very low bias current, and low power in a tiny
package at a very attractive price. Combining high input
impedance, low input bias current, wide bandwidth, and fast
slew rate, the AD4000 is an ideal amplifier for driving A/D
inputs and buffering D/A converter outputs.
Additional applications for the AD4004 include electronic
instruments; ATE amplification, buffering, and integrator
circuits;
Instrumentation quality photodiode amplification; fast
precision filters (including PLL filters), utility functions like
reference buffering, level shifting, control I/O interface, power
supply control and monitoring functions.


Similar Part No. - ADA4000-1AUJZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-1AUJZ-R2 AD-ADA4000-1AUJZ-R2 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1AUJZ-R2 AD-ADA4000-1AUJZ-R2 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADA4000-1AUJZ-R21 AD-ADA4000-1AUJZ-R21 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1AUJZ-R7 AD-ADA4000-1AUJZ-R7 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1AUJZ-R7 AD-ADA4000-1AUJZ-R7 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
More results

Similar Description - ADA4000-1AUJZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com