Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9660KR-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD9660KR-REEL
Description  200 MHz Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9660KR-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9660KR-REEL Datasheet HTML 4Page - Analog Devices AD9660KR-REEL Datasheet HTML 5Page - Analog Devices AD9660KR-REEL Datasheet HTML 6Page - Analog Devices AD9660KR-REEL Datasheet HTML 7Page - Analog Devices AD9660KR-REEL Datasheet HTML 8Page - Analog Devices AD9660KR-REEL Datasheet HTML 9Page - Analog Devices AD9660KR-REEL Datasheet HTML 10Page - Analog Devices AD9660KR-REEL Datasheet HTML 11Page - Analog Devices AD9660KR-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9660
REV. 0
–9–
Example Calculations
The example below (in addition to the one included in the sec-
tions above) should guide users in choosing RGAIN, CGAIN, the
hold capacitor values, and worst case calibration times.
System Requirements:
• Bias laser power: 4 mW Bias ± 5%
• Write laser power: 25 mW ± 0.5%
• Bias Hold Time: 1 ms
• Write Hold Time: 1 µs
Laser diode/photo diode characteristics:
• Laser efficiency 0.5 mA/mA
• Monitor current: 5 µA/mA
• From the laser power requirements and efficiency we can
estimate:
∆I
BIAS MAX = 4 mW × (5% ) /
0. 5
mW
mA


= 400.0 µA
and
∆I
WRITE MAX = 25 mW × 0. 5%
(
) /0.5 mW
mA


= 250 µA
• Choosing hold caps based on these:
C
BIAS HOLD =
18
×10
−9 ×1ms
400
µA
= 0.045 µF
and
C
WRITE HOLD =
18
×10
−9 ×1µs
250
µA
= 72 pF
• The bias loop initial calibration time for a <1% error:
5
τ = 5 × RC = 5 × 550
Ω × 0.045 µF = 123.75 µs
• Bias loop recalibration for a 1% error after 5% droop (need to
correct within 20%):
2
τ = 2 × RC = 2 × 140
Ω × 0.045 µF = 12.6 µs
• The write loop initial calibration time for <0.1% error:
7
τ = 7 × RC = 7 × 550
Ω × 72 pF = 277.2 ns
• Write loop re-calibration for a 0.1% error after 0.5% droop
(need to correct within 20%):
2
τ = RC = 2 × 140
Ω × 72 pF = 20.2 ns
• From the monitor current specification and the max power
specified:
I MONITOR MAX = 25 mW
5
µA
mW
= 125 µA
and
R
GAIN =
1.6 V
1.85
× I
MONITOR MAX
− 50 Ω= 6.9 kΩ
• C
GAIN would be chosen as 2 pF (see Table I).
Driving the Analog Inputs
The BIAS LEVEL and WRITE LEVEL inputs of the AD9660
drive the track and hold amplifiers and allow the user to adjust
the amount of output current as described above. The input
voltage range on both inputs is VREF to VREF + 1.6 V, requiring
the user to create an offset of VREF for a ground based signal.
The circuit in Figure 9 will perform the level shift and scale the
output of a DAC whose output is from ground to a positive
voltage. This solution is attractive because both the DAC and
the op amp can run off a single +5 V supply, and the op amp
doesn’t have to swing rail to rail.
DAC1
DAC2
VDAC1
VDAC2
OP291
OP291
+5V
VREF + VDAC1
= VBIAS LEVEL
R2
R1
VREF + VDAC2
= VWRITE LEVEL
R4
R3
BIAS LEVEL
VREF
WRITE LEVEL
AD9660
R1
R2
R3
R4
R3
R4
R1
R2
Figure 9. Driving the Analog Inputs


Similar Part No. - AD9660KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660KR-REEL AD-AD9660KR-REEL Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9660KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
   200 Mbps Laser-Diode Driver
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com