Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9660KR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD9660KR-REEL
Description  200 MHz Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9660KR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9660KR-REEL Datasheet HTML 3Page - Analog Devices AD9660KR-REEL Datasheet HTML 4Page - Analog Devices AD9660KR-REEL Datasheet HTML 5Page - Analog Devices AD9660KR-REEL Datasheet HTML 6Page - Analog Devices AD9660KR-REEL Datasheet HTML 7Page - Analog Devices AD9660KR-REEL Datasheet HTML 8Page - Analog Devices AD9660KR-REEL Datasheet HTML 9Page - Analog Devices AD9660KR-REEL Datasheet HTML 10Page - Analog Devices AD9660KR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9660
REV. 0
–7–
Choosing CBIAS HOLD and CWRITE HOLD
Choosing values for the hold capacitors, CWRITE and CHOLD, is a
tradeoff between output current droop when the control loops
are open, and the time it takes to calibrate and recalibrate the
laser power when the loops are closed.
The amount of output current droop is determined by the value
of the hold capacitor and the leakage current at that node.
When either of the two control loops are open (WRITE CAL or
BIAS CAL logic LOW), the pin connections for the hold
capacitors (WRITE HOLD and BIAS HOLD) are high imped-
ance inputs. Leakage currents will range from
±200 nA; this
low current minimizes the droop in the output power level. As-
suming the worst case current of
±200 nA, the output current
will change as follows:
±∆I
BIAS =
18
×10
−9
t
BIAS HOLD
C
BIAS HOLD
±∆I
MODULATED =
18
×10
−9
t
WRITE HOLD
C
WRITE HOLD
To choose a value, the user will need to determine the amount
of time the loop will be in hold mode, tWRITE HOLD or tBIAS HOLD,
the maximum change in laser output power the application can
tolerate, and the laser efficiency (defined as the change in laser
output power to the change in laser diode current). As an ex-
ample, if an application requires 5 mW of laser power
±5%, and
the laser diode efficiency is 0.25 mW/mA, then
∆I
MAX = 5 mW × (5% ) /
0. 25
mW
mA


= 1.0 mA
If the same application had a hold time requirement of 250
µs,
then the minimum value of the hold capacitor would be:
C
HOLD =
18
×10
−9 × 250 µs
1.0 mA
= 4.5 nF
When determining the calibration time, the T/H and the exter-
nal hold capacitor can be modeled using the simple RC circuit
illustrated in Figure 7.
CHOLD
R
AD9660
TZA
T/H
WRITE LEVEL
OR BIAS LEVEL
POWER MONITOR
WRITE HOLD
OR BIAS HOLD
EXTERNAL HOLD
CAPACITOR
Figure 7. Circuit Model for Determining Calibration Times
Minimum specifications for IMONITOR MAX should be used when
choosing RGAIN. Users are cautioned that laser diode/photo di-
ode combinations that produce monitor currents that are less
than IMONITOR MAX in the equation above will produce higher la-
ser output power than predicted, which may damage the laser
diode. Such a condition is possible if RGAIN is calculated using
typical instead of minimum monitor current specifications. In
that case the input range to the AD9660 BIAS LEVEL and
WRITE LEVEL inputs should be limited to avoid damaging
laser diodes.
Although not recommended, another approach would be to
use a potentiometer for RGAIN. This allows users to optimize
the value of RGAIN for each laser diode/photo diode combina-
tion’s monitor current. The drawback to this approach is that
potentiometer’s stray inductance and capacitance may cause the
transimpedance amplifier to overshoot and degrade its settling,
and the value of CGAIN may not be optimized for the entire
potentiometer’s range.
CGAIN optimizes the response of the transimpedance amplifier
and should be chosen as from the table below. Choosing CGAIN
larger than the recommended value will slow the response of the
amplifier. Lower values improve TZA bandwidth but may cause
the amplifier to oscillate.
Table I.
Recommended
RGAIN
CGAIN
≥2.5 kΩ
2 pF
1.5 k
3 pF
1 k
4 pF
500
8 pF
The circuit in Figure 6 allows an adjustable gain with low vari-
ance in bandwidth, but requires several external components.
VREF
RINTERNAL
50
GAIN
C1
RF
CF
POWER
MONITOR
VREF
R1
R2
R3
1.7k
2I PIN
1:2
IMONITOR
SENSE
IN
AD9660
EQUIVALENT
CIRCUIT
REQ
VREF
RINTERNAL
50
CEQ
REQ + 50Ω = (RF + 50Ω)
(1+
+
)
R2
R1
R1
RF
Figure 6. Adjustable Gain Configuration


Similar Part No. - AD9660KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660KR-REEL AD-AD9660KR-REEL Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9660KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
   200 Mbps Laser-Diode Driver
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com