Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9704 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9704
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704 Datasheet(HTML) 5 Page - Analog Devices

  AD9704 Datasheet HTML 1Page - Analog Devices AD9704 Datasheet HTML 2Page - Analog Devices AD9704 Datasheet HTML 3Page - Analog Devices AD9704 Datasheet HTML 4Page - Analog Devices AD9704 Datasheet HTML 5Page - Analog Devices AD9704 Datasheet HTML 6Page - Analog Devices AD9704 Datasheet HTML 7Page - Analog Devices AD9704 Datasheet HTML 8Page - Analog Devices AD9704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 5 of 52
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Supply Current Clock Power-
Down Mode (IDVDD)5
0.6
1
0.6
1
0.6
1
0.6
1
mA
Supply Current Clock Power-
Down Mode (ICLKVDD)
42.5
58
42.5
58
42.5
58
42.5
58
μA
Power Supply Rejection Ratio
(AVDD)6
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
−0.2
+0.03
+0.2
% of FSR/V
OPERATING RANGE
−40
+85
−40
+85
−40
+85
−40
+85
°C
1 Measured at IOUTA, driving a virtual ground, at 25
°C only.
2 Nominal full-scale current, IOUTFS, is 32× the IREF current.
3 An external buffer amplifier with input bias current < 100 nA should be used to drive any external load.
4 Measured at fCLOCK = 175 MSPS and fOUT = 1.0 MHz, using differential clock.
5 Measured at fCLOCK = 100 MSPS and fOUT = 1.0 MHz, using differential clock.
6 ±5% power supply variation.
DYNAMIC SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, differential transformer coupled output,
453 Ω differentially terminated,1 unless otherwise noted.
Table 2.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
175
175
175
175
MSPS
Output Settling Time (tST) (to 0.1%)2
11
11
11
11
ns
Output Propagation Delay (tPD)
4
4
4
4
ns
Glitch Impulse
5
5
5
5
pV-s
Output Rise Time (10% to 90%)2
2.5
2.5
2.5
2.5
ns
Output Fall Time (10% to 90%)2
2.5
2.5
2.5
2.5
ns
AC LINEARITY
Spurious-Free Dynamic Range
to Nyquist
fCLOCK = 10 MSPS; fOUT = 2.1 MHz
84
84
84
70
dBc
fCLOCK = 25 MSPS; fOUT = 2.1 MHz
84
83
84
68
dBc
fCLOCK = 65 MSPS; fOUT = 5.1 MHz
84
84
84
70
dBc
fCLOCK = 65 MSPS; fOUT = 10.1 MHz
83
83
83
71
dBc
fCLOCK = 80 MSPS; fOUT = 1.0 MHz
74
83
72
82
72
82
66
70
dBc
fCLOCK = 125 MSPS; fOUT = 15.1 MHz
78
78
78
68
dBc
fCLOCK = 125 MSPS; fOUT = 25.1 MHz
77
77
76
69
dBc
fCLOCK = 175 MSPS; fOUT = 20.1 MHz
75
75
75
69
dBc
fCLOCK = 175 MSPS; fOUT = 40.1 MHz
72
71
71
67
dBc
Noise Spectral Density
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 2 mA
−149
−146
−137
−127
dBc/
Hz
ENOB at IOUTFS = 2 mA
11.3
10.9
9.5
8.0
bits
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 5 mA
−157
dBc/
Hz
ENOB at IOUTFS = 5 mA
12.5
bits
fCLOCK = 175 MSPS; fOUT = 6.0 MHz;
IOUTFS = 1 mA
−145
dBc/
Hz
ENOB at IOUTFS = 1 mA
10.6
bits
1 See Figure 71 for diagram.
2 Measured single-ended into 500 Ω load.


Similar Part No. - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9704 AD-AD9704 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704-DPG2-EBZ AD-AD9704-DPG2-EBZ Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704BCPZ AD-AD9704BCPZ Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704BCPZRL7 AD-AD9704BCPZRL7 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704 AD-AD9704_17 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
More results

Similar Description - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
   14/12/10-Bit, 1200 MSPS D/A Converters
Rev. PrJ 9/7/2004
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com