Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9510 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9510 Datasheet HTML 4Page - Analog Devices AD9510 Datasheet HTML 5Page - Analog Devices AD9510 Datasheet HTML 6Page - Analog Devices AD9510 Datasheet HTML 7Page - Analog Devices AD9510 Datasheet HTML 8Page - Analog Devices AD9510 Datasheet HTML 9Page - Analog Devices AD9510 Datasheet HTML 10Page - Analog Devices AD9510 Datasheet HTML 11Page - Analog Devices AD9510 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD9510
Rev. A | Page 8 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY ADJUST4
OUT5 (OUT6); LVDS and CMOS
Shortest Delay Range5
35h (39h) <5:1> 11111b
Zero Scale
0.05
0.36
0.68
ns
36h (3Ah) <5:1> 00000b
Full Scale
0.72
1.12
1.51
ns
36h (3Ah) <5:1> 11111b
Linearity, DNL
0.5
LSB
Linearity, INL
0.8
LSB
Longest Delay Range5
35h (39h) <5:1> 00000b
Zero Scale
0.20
0.57
0.95
ns
36h (3Ah) <5:1> 00000b
Full Scale
9.0
10.2
11.6
ns
36h (3Ah) <5:1> 11111b
Linearity, DNL
0.3
LSB
Linearity, INL
0.6
LSB
Delay Variation with Temperature
Long Delay Range, 10 ns6
Zero Scale
0.35
ps/°C
Full Scale
−0.14
ps/°C
Short Delay Range, 1 ns6
Zero Scale
0.51
ps/°C
Full Scale
0.67
ps/°C
1 The measurements are for CLK1. For CLK2, add approximately 25 ps.
2 This is the difference between any two similar delay paths within a single device operating at the same voltage and temperature.
3 This is the difference between any two similar delay paths across multiple devices operating at the same voltage and temperature.
4 The maximum delay that can be used is a little less than one-half the period of the clock. A longer delay disables the output.
5 Incremental delay; does not include propagation delay.
6 All delays between zero scale and full scale can be estimated by linear interpolation.


Similar Part No. - AD9510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
More results

Similar Description - AD9510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9511 AD-AD9511 Datasheet
1Mb / 60P
   1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
   1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
   1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com