Part Name
Included
start with
end
match
Description
AD9237
12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter ( 28 Page)
AD
100%
6 page
AD9237
Rev. 0 | Page 6 of 28
TIMING DIAGRAM
N–9
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
N–10
t
PD
t
A
Figure 2. Timing Diagram
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
AD9228
Quad
12-bit
40/65
MSPS
Serial
LVDS
1.8
V
A/D
Converter
1
2
3
4
5
More
Analog Devices
SPT7920
12-BIT
10
MSPS
TTL
A/D
CONVERTER
1
2
3
4
5
More
List of Unclassifed Manufacturers
AD15452
12-Bit
65
MSPS
Quad
A/D
Converter
with
Integrated
Signal
Conditioning
1
2
3
4
5
More
Analog Devices
ADC08B3000
High
Performance
Low
Power
8-Bit
3
GSPS
A/D
Converter
with
4K
Buffer
1
2
3
4
5
More
National Semiconductor
ADC082500
High
Performance
Low
Power
8-Bit
2.5
GSPS
A/D
Converter
1
2
3
4
5
More
National Semiconductor
DAC122S085
12-Bit
Micro
Power
DUAL
Digital-to-Analog
Converter
with
Rail-to-Rail
Output
1
2
3
4
5
More
National Semiconductor
AD9211
10-Bit
170/200/250
MSPS
1.8
V
A/D
Converter
1
2
3
4
5
More
Analog Devices
NCP1595
Current
Mode
PWM
Converter
for
Low
Voltage
Outputs
1
2
3
4
5
More
ON Semiconductor
NB2780A
Low
Power
Reduced
EMI
Clock
Synthesizer
1
2
3
4
5
More
ON Semiconductor
NCP1215A
Low
Cost
Variable
OFF
Time
Switched
Mode
Power
Supply
Controller
1
2
3
4
5
More
ON Semiconductor
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl