Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8203YRMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8203YRMZ
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8203YRMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8203YRMZ Datasheet HTML 1Page - Analog Devices AD8203YRMZ Datasheet HTML 2Page - Analog Devices AD8203YRMZ Datasheet HTML 3Page - Analog Devices AD8203YRMZ Datasheet HTML 4Page - Analog Devices AD8203YRMZ Datasheet HTML 5Page - Analog Devices AD8203YRMZ Datasheet HTML 6Page - Analog Devices AD8203YRMZ Datasheet HTML 7Page - Analog Devices AD8203YRMZ Datasheet HTML 8Page - Analog Devices AD8203YRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8203
Rev. B | Page 3 of 20
SPECIFICATIONS
SINGLE SUPPLY
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
AD8203 SOIC
AD8203 MSOP
AD8203 Die
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SYSTEM GAIN
Initial
14
14
14
V/V
Error
0.02 ≤ VOUT ≤ 4.8 V dc @ 25°C
−0.3
+0.3
−0.3
+0.3
−0.3
+0.3
%
vs. Temperature
1
20
1
25
1
30
ppm/°C
VOLTAGE OFFSET
Input Offset (RTI)
VCM = 0.15 V; 25°C
−1
+1
−2
+2
−1
+1
mV
vs. Temperature
−40°C to +125°C
−10
+0.3
+10
−20
+2
+20
−10
+0.3
+10
μV/°C
−40°C to +150°C
−15
+5
+15
μV/°C
INPUT
Input Impedance
Differential
260
320
380
260
320
380
260
320
380
Common Mode
130
160
190
130
160
190
130
160
190
CMV
Continuous
−6
+30
−6
+30
−6
+30
V
CMRR1
VCM = −6 V to +30 V
f = dc
82
82
82
dB
f = 1 kHz
82
82
82
dB
f = 10 kHz2
80
80
80
dB
PREAMPLIFIER
Gain
7
7
7
V/V
Gain Error
−0.3
+0.3
−0.3
+0.3
−0.3
+0.3
%
Output Voltage Range
0.02
4.8
0.02
4.8
0.02
4.8
V
Output Resistance
97
100
103
97
100
103
97
100
103
OUTPUT BUFFER
Gain
2
2
2
V/V
Gain Error
0.02 ≤ VOUT ≤ 4.8 V dc
−0.3
+0.3
−0.3
+0.3
−0.3
+0.3
%
Output Voltage Range
0.02
4.8
0.02
4.8
0.02
4.8
V
Input Bias Current
40
40
40
nA
Output Resistance
2
2
2
Ω
DYNAMIC RESPONSE
System Bandwidth
VIN = 0.01 V p-p, VOUT = 0.14 V p-p
40
60
40
60
40
60
kHz
Slew Rate
VIN = 0.28 V, VOUT = 4 V step
0.33
0.33
0.33
V/μs
NOISE
0.1 Hz to 10 Hz
10
10
10
μV p-p
Spectral Density, 1 kHz (RTI)
300
300
300
nV/√Hz
POWER SUPPLY
Operating Range
3.5
12
3.5
12
3.5
12
V
Quiescent Current vs.
Temperature
VO = 0.1 V dc
0.25
1.0
0.25
1.0
0.25
1.0
mA
PSRR
VS = 3.5 V to 12 V
75
83
75
83
75
83
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
−40
+125
−40
+150
°C
1 Source imbalance <2 Ω.
2 The AD8203 preamplifier exceeds 80 dB CMRR at 10 kHz. However, since the signal is available only by way of a 100 kΩ resistor, even the small amount of pin-to-pin
capacitance between Pin 1, Pin 8 and Pin 3, Pin 4 may couple an input common-mode signal larger than the greatly attenuated preamplifier output. The effect of pin-
to-pin coupling may be neglected in all applications by using filter capacitors at Node 3.


Similar Part No. - AD8203YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8203 AD-AD8203 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8203 AAVID-AD8203 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8203 AAVID-AD8203 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Similar Description - AD8203YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com