Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8107-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD8107-EB
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8107-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8107-EB Datasheet HTML 4Page - Analog Devices AD8107-EB Datasheet HTML 5Page - Analog Devices AD8107-EB Datasheet HTML 6Page - Analog Devices AD8107-EB Datasheet HTML 7Page - Analog Devices AD8107-EB Datasheet HTML 8Page - Analog Devices AD8107-EB Datasheet HTML 9Page - Analog Devices AD8107-EB Datasheet HTML 10Page - Analog Devices AD8107-EB Datasheet HTML 11Page - Analog Devices AD8107-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
56
57
58
59
54
55
52
53
50
51
60
45
46
47
48
43
44
42
49
41
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
12
CE
RESERVED
CLK
RESERVED
UPDATE
RESERVED
A0
A1
A2
D0
D1
D2
D3
D4
AGND
AVEE
AVCC
AVCC00
AGND00
OUT00
IN08
AGND
IN09
AGND
IN10
AGND
IN11
AGND
IN12
AGND
IN13
AGND
IN14
AGND
IN15
AGND
AVEE
AVCC
AVCC
NC
AD8106/AD8107
16 × 5
80L LQFP
(12mm × 12mm)
TOP VIEW
(PINS DOWN)
0.5mm LEAD PITCH
PIN 1
INDICATOR
Figure 5. 80-Lead Plastic LQFP
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
INxx
Analog Inputs; xx = Channel Numbers 00 through 15.
64 , 66, 68, 70, 72, 74, 76, 78, 1,
3, 5, 7, 9, 11, 13, 15,
58
CLK
Clock, TTL Compatible. Falling edge triggered.
56
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix. Data
latched when high.
61
RESET
Disable Outputs, Active Low.
60
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
41, 38, 35, 32, 29
OUTyy
Analog Outputs; yy = Channel Numbers 00 Through 04.
AGND
Analog Ground for Inputs and Switch Matrix.
2, 4, 6, 8, 10, 12, 14, 16, 21, 24, 27,
46, 65, 67, 69, 71, 73, 75, 77
63, 79
DVCC
5 V for Digital Circuitry.
62, 80
DGND
Ground for Digital Circuitry.
17, 22, 45
AVEE
−5 V for Inputs and Switch Matrix.
18, 19, 25, 44
AVCC
+5 V for Inputs and Switch Matrix.
42, 39, 36, 33, 30
AGNDxx
Ground for Output Amp; xx = Output Channel Numbers 00 Through 07. Must be connected.
43, 37, 31, 22
AVCCxx/yy
+5 V for Output Amplifier. Shared by channel numbers xx and yy. Must be connected.
40, 34, 28
AVEExx/yy
−5 V for Output Amplifier. Shared by channel numbers xx and yy. Must be connected.
54
A0
Parallel Data Input, TTL Compatible (Output Select LSB).
53
A1
Parallel Data Input, TTL Compatible (Output Select).
52
A2
Parallel Data Input, TTL Compatible (Output Select MSB).
51
D0
Parallel Data Input, TTL Compatible (Input Select LSB).
50
D1
Parallel Data Input, TTL Compatible (Input Select).
49
D2
Parallel Data Input, TTL Compatible (Input Select).
48
D3
Parallel Data Input, TTL Compatible (Input Select MSB).
47
D4
Parallel Data Input, TTL Compatible (Output Enable).


Similar Part No. - AD8107-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8107 AD-AD8107 Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8107ASTZ AD-AD8107ASTZ Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results

Similar Description - AD8107-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com