Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-CONTROLBRD2 Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-CONTROLBRD2
Description  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-CONTROLBRD2 Datasheet(HTML) 4 Page - Analog Devices

  EVAL-CONTROLBRD2 Datasheet HTML 1Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 2Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 3Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 4Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 5Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 6Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 7Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 8Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7938-6
Rev. 0 | Page 4 of 32
Parameter
B Version1
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
VREF Input Voltage5
2.5
V
±1% for specified performance
DC Leakage Current
±1
µA max
VREFOUT Output Voltage
2.5
V
±0.2% max @ 25°C
VREFOUT Temperature Coefficient
25
ppm/°C max
5 ppm/°C typ
VREF Noise
10
µV typ
0.1 Hz to 10 Hz bandwidth
130
µV typ
0.1 Hz to 1 MHz bandwidth
VREF Output Impedance
10
Ω typ
VREF Input Capacitance
15
pF typ
When in track
25
pF typ
When in hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±5
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN4
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 200 µA
Floating-State Leakage Current
±3
µA max
Floating-State Output Capacitance4
10
pF max
Output Coding
CODING bit = 0
Straight (Natural) Binary
Twos Complement
CODING bit = 1
CONVERSION RATE
Conversion Time
t2 + 13 tCLK
ns
Track-and-Hold Acquisition Time
125
ns max
Full-scale step input
Throughput Rate
625
kSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD6
Digital I/PS = 0 V or VDRIVE
Normal Mode (Static)
0.8
mA typ
VDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
1.5
mA max
VDD = 4.75 V to 5.25 V
1.2
mA max
VDD = 2.7 V to 3.6 V
Autostandby Mode
0.3
mA typ
FSAMPLE = 100 kSPS, VDD = 5 V
160
µA typ
(Static)
Full/Autoshutdown Mode (Static)
2
µA max
SCLK on or off
Power Dissipation
Normal Mode (Operational)
7.5
mW max
VDD = 5 V
3.6
mW max
VDD = 3 V
Autostandby Mode (Static)
800
µW typ
VDD = 5 V
480
µW typ
VDD = 3 V
Full/Autoshutdown Mode (Static)
10/6
µW max
VDD = 5 V/3 V
1 Temperature ranges as follows: B Versions: −40°C to +85°C.
2 See the Terminology section.
3 For full common-mode range, see Fi
and
.
gure 25
Figure 26
4 Sample tested during initial release to ensure compliance.
5 This device is operational with an external reference in the range 0.1 V to VDD. See the R
for more information.
eference Section
6 Measured with a midscale dc analog input.


Similar Part No. - EVAL-CONTROLBRD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
432Kb / 24P
   Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
REV. PrJ 27/02/02
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
1Mb / 15P
   Evaluation Board AD766X/AD767X
REV. PrK
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
More results

Similar Description - EVAL-CONTROLBRD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com