Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEA5767HN Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TEA5767HN
Description  Low-power FM stereo radio for handheld applications
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
TEA5767HN_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 20 February 2006
3 of 39
Philips Semiconductors
TEA5767HN
Low-power FM stereo radio for handheld applications
[1]
Low side and high side selectivity can be switched by changing the mixer from high side to low side LO
4.
Ordering information
(S+N)/N
maximum signal
plus noise-to-noise
ratio
VRF =1mV; L=R;
∆f = 22.5 kHz; f
mod = 1 kHz;
de-emphasis = 75
µs;
BAF = 300 Hz to 15 kHz
54
60
-
dB
α
cs(stereo)
stereo channel
separation
VRF = 1 mV; R = L = 0 or
R = 0 and L = 1 including 9 %
pilot;
∆f = 75 kHz;
fmod = 1 kHz; data byte 3
bit 3 = 0; data byte 4 bit 1 = 1
24
30
-
dB
THD
total harmonic
distortion
VRF =1mV; L=R;
∆f = 75 kHz; f
mod = 1 kHz;
de-emphasis = 75
µs
-
0.4
1
%
Table 1.
Quick reference data …continued
VCCA =VCC(VCO) =VCCD; AC values are given in RMS; for VRF the EMF value is given; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEA5767HN
HVQFN40
plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
RF210ADual-Band Image-Reject Downconverters For GSM Applications 1 2 3 4 5 MoreConexant Systems, Inc
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
SSTUB328661.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications 1 2 3 4 5 MoreNXP Semiconductors
AD6528GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices 1 Analog Devices
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
SF3004-EC10AFor Color Photo Printheads 1 2 3 4 5 Rohm
NUP4202W1Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor
74AUP2G00Low-power dual 2-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
CPH3317Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl