Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEA5767HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TEA5767HN
Description  Low-power FM stereo radio for handheld applications
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
TEA5767HN_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 20 February 2006
5 of 39
Philips Semiconductors
TEA5767HN
Low-power FM stereo radio for handheld applications
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
001aab363
TEA5767HN
n.c.
CLOCK
n.c.
VAFL
DATA
VAFR
VCCD
TMUTE
DGND
MPXO
VCC(VCO)
Vref
VCOTANK2
TIFC
VCOTANK1
LIMDEC1
CPOUT
LIMDEC2
n.c.
n..c.
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
terminal 1
index area
Transparent top view
Table 3.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
CPOUT
2
charge pump output of synthesizer PLL
VCOTANK1
3
voltage controlled oscillator tuned circuit output 1
VCOTANK2
4
voltage controlled oscillator tuned circuit output 2
VCC(VCO)
5
voltage controlled oscillator supply voltage
DGND
6
digital ground
VCCD
7
digital supply voltage
DATA
8
bus data line input/output
CLOCK
9
bus clock line input
n.c.
10
not connected
WRITE/READ
11
write/read control input for the 3-wire bus
BUSMODE
12
bus mode select input
BUSENABLE
13
bus enable input
SWPORT1
14
software programmable port 1
SWPORT2
15
software programmable port 2
XTAL1
16
crystal oscillator input 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
RF210ADual-Band Image-Reject Downconverters For GSM Applications 1 2 3 4 5 MoreConexant Systems, Inc
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
SSTUB328661.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications 1 2 3 4 5 MoreNXP Semiconductors
AD6528GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices 1 Analog Devices
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
SF3004-EC10AFor Color Photo Printheads 1 2 3 4 5 Rohm
NUP4202W1Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor
74AUP2G00Low-power dual 2-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
CPH3317Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl