Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEA5767HN Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TEA5767HN
Description  Low-power FM stereo radio for handheld applications
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
The component list is given in Section 16.
(1) Ccomp and Cpull data depends on crystal specification.
Fig 1.
Block diagram
mhc283
I/Q-MIXER
1st FM
IF CENTRE
FREQUENCY
ADJUST
100 pF
22 nF
VCCA
35
32
33
34
29
28
27
26
25
27 pF
L1
47 pF
22
µF
36
37
38
39
RFI1
Igain
AGND
VCCA
RFGND
RFI2
TAGC
LOOPSW
23
VCOTANK1
45
CPOUT
VCOTANK2
VCC(VCO)
67
8
9
DATA
VCCD
DGND
CLOCK
AGC
FM antenna
programmable divider output
reference frequency divider output
TUNING SYSTEM
4.7 nF
47 nF
47 nF
33 nF
24
23
22
LIMDEC2
LIMDEC1
TIFC
Vref
MPXO
TMUTE
VAFR
VAFL
19
18
17
16
15
14
13 BUSENABLE
WRITE/READ
SWPORT1
SWPORT2
XTAL1
XTAL2
PHASEFIL
PILFIL
11
SDS
33 nF
1 nF
22 nF
22 nF
Ccomp(1)
Cpull(1)
32.768 kHz
or
13 MHz
33 k
10 k
10 k
47 nF
VCO
39 nF
10 nF
R1
4.7
100 k
10 k
47
VCC(VCO)
12
22 nF
D1
L3
D2
L2
22 nF
LEVEL
ADC
IF
COUNTER
LIMITER
DEMODULATOR
Iref
RESONANCE
AMPLIFIER
SOFTWARE
PROGRAMMABLE
PORT
MUX
I2C-BUS
AND
3-WIRE BUS
VCCD
GAIN
STABILIZATION
POWER
SUPPLY
SOFT
MUTE
MPX
DECODER
CRYSTAL
OSCILLATOR
TEA5767HN
VCCA
2
N1
1, 10, 20, 21,
30, 31, 40
n.c.
12 BUSMODE
pilot
mono




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
RF210ADual-Band Image-Reject Downconverters For GSM Applications 1 2 3 4 5 MoreConexant Systems, Inc
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
SSTUB328661.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications 1 2 3 4 5 MoreNXP Semiconductors
AD6528GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices 1 Analog Devices
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
SF3004-EC10AFor Color Photo Printheads 1 2 3 4 5 Rohm
NUP4202W1Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor
74AUP2G00Low-power dual 2-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
CPH3317Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl