Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP60 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP60
Description  PNP Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP60 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP60 Datasheet HTML 1Page - NXP Semiconductors BSP60 Datasheet HTML 2Page - NXP Semiconductors BSP60 Datasheet HTML 3Page - NXP Semiconductors BSP60 Datasheet HTML 4Page - NXP Semiconductors BSP60 Datasheet HTML 5Page - NXP Semiconductors BSP60 Datasheet HTML 6Page - NXP Semiconductors BSP60 Datasheet HTML 7Page - NXP Semiconductors BSP60 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 29
2
Philips Semiconductors
Product specification
PNP Darlington transistors
BSP60; BSP61; BSP62
FEATURES
• High current (max. 0.5 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Industrial switching applications such as:
– Print hammer
– Solenoid
– Relay and lamp drivers.
DESCRIPTION
PNP Darlington transistor in a SOT223 plastic package.
NPN complements: BSP50, BSP51 and BSP52.
PINNING
PIN
DESCRIPTION
1
base
2,4
collector
3
emitter
Fig.1 Simplified outline (SOT223) and symbol.
4
12
3
MAM266
Top view
1
2, 4
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for the SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BSP60
−−60
V
BSP61
−−80
V
BSP62
−−90
V
VCES
collector-emitter voltage
VBE =0
BSP60
−−45
V
BSP61
−−60
V
BSP62
−−80
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−0.5
A
ICM
peak collector current
−−1.5
A
IB
base current (DC)
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - BSP60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP60 SIEMENS-BSP60 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60 Datasheet
78Kb / 5P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
NXP Semiconductors
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
   PNP Darlington transistors
2001 May 31
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60 Datasheet
103Kb / 7P
   PNP Silicon Darlington Transistor
2007-04-26
BSP60 INFINEON-BSP60 Datasheet
551Kb / 7P
   PNP Silicon Darlington Transistor
2011-10-04
More results

Similar Description - BSP60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV26 NXP-BCV26 Datasheet
122Kb / 7P
   PNP Darlington transistors
2004 Jan 13
logo
SEMTECH ELECTRONICS LTD...
MMBTA63W SEMTECH_ELEC-MMBTA63W Datasheet
203Kb / 1P
   PNP Darlington Transistors
logo
NXP Semiconductors
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
   PNP Darlington transistors
2001 May 31
BCV26 PHILIPS-BCV26_15 Datasheet
122Kb / 7P
   PNP Darlington transistors
2004 Jan 13
logo
Nexperia B.V. All right...
BCV26 NEXPERIA-BCV26 Datasheet
318Kb / 8P
   PNP Darlington transistors
2004 Jan 13
BST60 NEXPERIA-BST60 Datasheet
329Kb / 9P
   PNP Darlington transistors
2004 Dec 09
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
   PNP Darlington transistors
1999 Apr 08
BSS61 PHILIPS-BSS61 Datasheet
52Kb / 8P
   PNP Darlington transistors
1997 May 14
BST60 PHILIPS-BST60 Datasheet
46Kb / 8P
   PNP Darlington transistors
1999 Apr 27
logo
SEMTECH ELECTRONICS LTD...
BCV26 SEMTECH_ELEC-BCV26 Datasheet
130Kb / 2P
   PNP Darlington Transistors
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28_15 Datasheet
126Kb / 8P
   PNP Darlington transistors
2004 Dec 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com