Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5440G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS5440G
Description  Addendum for PCN-Datasheet 2004-018-A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5440G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS5440G Datasheet HTML 2Page - Infineon Technologies AG BTS5440G Datasheet HTML 3Page - Infineon Technologies AG BTS5440G Datasheet HTML 4Page - Infineon Technologies AG BTS5440G Datasheet HTML 5Page - Infineon Technologies AG BTS5440G Datasheet HTML 6Page - Infineon Technologies AG BTS5440G Datasheet HTML 7Page - Infineon Technologies AG BTS5440G Datasheet HTML 8Page - Infineon Technologies AG BTS5440G Datasheet HTML 9Page - Infineon Technologies AG BTS5440G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2004-Mar-08
Page 5
PCN 2004-018-A: BTS 5440G
Electrical Characteristics
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150 °C, Vbb = 9...16 V, unless otherwise specified
min.
typ.
max.
Thermal Resistance
junction - soldering point1)
each channel:
RthJS
-
-
25
K/W
junction - ambient2)
one channel active:
all channels active:
RthJA
-
40
32
-
K/W
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT),
(see page 13)
Tj = 25 °C, IL = 5 A,
each channel:
Tj = 150 °C,
each channel:
Tj = 25 °C,
two parallel channels:
Tj = 25 °C,
four parallel channels:
RON
-
-
-
-
21
42
11
5.5
25
50
13
6.5
m
Nominal load current2)
Ta = 85°C, Tj ≤ 150°C ,
one channel active:
two channels active, per channel:
four channels active, per channel:
IL(nom)
5.7
4.0
3.1
6.2
4.4
3.4
-
-
-
A
Output voltage drop limitation at small load currents
IL = 0.5 A
VON(NL)
-
40
-
mV
Output current while GND disconnected3)
( see diagram page 12 )
VIN = 0 V
IL(GNDhigh)
-
-
2
mA
1Soldering point is measured at Vbb-pin
2Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
3not subject to production test, specified by design


Similar Part No. - BTS5440G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results

Similar Description - BTS5440G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240L INFINEON-BTS5240L Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Altera Corporation
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP2AGX45DF29C6N ALTERA-EP2AGX45DF29C6N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
logo
List of Unclassifed Man...
A-08-018 ETC1-A-08-018 Datasheet
51Kb / 1P
   A-08-018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com