Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5440G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS5440G
Description  Addendum for PCN-Datasheet 2004-018-A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5440G Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS5440G Datasheet HTML 1Page - Infineon Technologies AG BTS5440G Datasheet HTML 2Page - Infineon Technologies AG BTS5440G Datasheet HTML 3Page - Infineon Technologies AG BTS5440G Datasheet HTML 4Page - Infineon Technologies AG BTS5440G Datasheet HTML 5Page - Infineon Technologies AG BTS5440G Datasheet HTML 6Page - Infineon Technologies AG BTS5440G Datasheet HTML 7Page - Infineon Technologies AG BTS5440G Datasheet HTML 8Page - Infineon Technologies AG BTS5440G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2004-Mar-08
Page 4
PCN 2004-018-A: BTS 5440G
Maximum Ratings at Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Supply voltage (overvoltage protection see page 6)
Vbb
281)
V
Supply voltage for full short circuit protection;Tj = -40...150°C
Vbb(SC)
282)
Maximum voltage across DMOS
VON
52
Load dump protection3) VLoadDump4) = VA + VS; VA = 13,5 V
In = low or high; td = 400 ms; RI4) = 2 Ω
RL = 2.25 Ω
RL = 6.8 Ω
VLoaddump
40
53
Load current (Short - circuit current, see page 7)
IL
IL(lim)5)
A
Operating temperature range
Tj
-40...+150 °C
Storage temperature range
Tstg
-55...+150
Dynamical temperature rise at switching
dT
60
K
Power dissipation6) (DC), all channels active
TA = 85 °C
Ptot
1,6
W
Maximal switchable inductance, single pulse
Vbb=12V, Tjstart=150°C;
(see diagrams on page 12)
IL = 6 A, EAS = 0.319 J, RL = 0 Ω,
one channel:
IL = 12 A, EAS = 0.679 J, RL = 0 Ω,
two parallel channels:
ZL(s)
9.8
5.2
mH
Electrostatic discharge voltage
IN:
(Human Body Model)
IS:
according to ANSI EOS/ESD - S5.1 - 1993 , ESD STM5.1 - 1998
OUT:
VESD
1,0
2,0
4,0
kV
Continuous input voltage
VIN
-10...16
V
Voltage at current limit adjustment pin
VCLA
-10...16
Current through current limit adjustment pin
ICLA
±5.0
mA
Current through input pin (DC)
IIN
±5.0
Current through sense pin (DC)
(see page 11)
IIS
-5...+10
118...28 V for 100 hours
2only single pulse, RL = 200 mΩ ; L = 8 µH ; R and L are describing the complete circuit impedance including
line, contact and generator impedances.
3Supply voltage higher than Vbb(AZ) require an external current limit for the GND (150Ω resistor) and sense pin.
4RI = internal resistance of the load dump test pulse generator.
5Current limit is a protection function. Operation in current limitation is considered as "outside" normal operating
range. Protection functions are not designed for continuous repetitive operation.
6Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for Vbb
connection. PCB is vertical without blown air.


Similar Part No. - BTS5440G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results

Similar Description - BTS5440G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240L INFINEON-BTS5240L Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Altera Corporation
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP2AGX45DF29C6N ALTERA-EP2AGX45DF29C6N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
logo
List of Unclassifed Man...
A-08-018 ETC1-A-08-018 Datasheet
51Kb / 1P
   A-08-018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com