Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD113E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTD113E
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD113E Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTD113E Datasheet HTML 1Page - NXP Semiconductors PDTD113E Datasheet HTML 2Page - NXP Semiconductors PDTD113E Datasheet HTML 3Page - NXP Semiconductors PDTD113E Datasheet HTML 4Page - NXP Semiconductors PDTD113E Datasheet HTML 5Page - NXP Semiconductors PDTD113E Datasheet HTML 6Page - NXP Semiconductors PDTD113E Datasheet HTML 7Page - NXP Semiconductors PDTD113E Datasheet HTML 8Page - NXP Semiconductors PDTD113E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9397 750 14579
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2005
2 of 10
Philips Semiconductors
PDTD113E series
NPN 500 mA resistor-equipped transistors; R1 = 1 k
Ω, R2 = 1 kΩ
2.
Pinning information
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23, SOT346
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa145
2
3
1
R1
R2
001aab348
1
2
3
006aaa145
2
3
1
R1
R2
001aab447
1
2
3
006aaa145
2
3
1
R1
R2
006aaa144
12
3
sym007
3
2
1
R1
R2


Similar Part No. - PDTD113E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113E NXP-PDTD113E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
logo
Nexperia B.V. All right...
PDTD113E NEXPERIA-PDTD113E Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
logo
NXP Semiconductors
PDTD113EK PHILIPS-PDTD113EK Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTD113EK NXP-PDTD113EK Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
logo
Nexperia B.V. All right...
PDTD113EK NEXPERIA-PDTD113EK Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
More results

Similar Description - PDTD113E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113E PHILIPS-PDTD113E_15 Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Rev. 02-16 November 2009
PDTD113E NXP-PDTD113E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
v
PDTD123T PHILIPS-PDTD123T Datasheet
67Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Rev. 02-21 July 2005
PDTB113E NXP-PDTB113E Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 1 k廓
Rev. 02-16 November 2009
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
PDTC124E PHILIPS-PDTC124E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com