Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144WE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTC144WE
Description  NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144WE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTC144WE Datasheet HTML 2Page - NXP Semiconductors PDTC144WE Datasheet HTML 3Page - NXP Semiconductors PDTC144WE Datasheet HTML 4Page - NXP Semiconductors PDTC144WE Datasheet HTML 5Page - NXP Semiconductors PDTC144WE Datasheet HTML 6Page - NXP Semiconductors PDTC144WE Datasheet HTML 7Page - NXP Semiconductors PDTC144WE Datasheet HTML 8Page - NXP Semiconductors PDTC144WE Datasheet HTML 9Page - NXP Semiconductors PDTC144WE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2004 Aug 17
6
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1=47k
Ω, R2 = 22 kΩ
PDTC144W series
PACKAGE OUTLINES
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface mounted package; 3 leads
SOT416
97-02-28


Similar Part No. - PDTC144WE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WE PHILIPS-PDTC144WE Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WE NXP-PDTC144WE Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WE PHILIPS-PDTC144WE Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144WE NEXPERIA-PDTC144WE Datasheet
422Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTC144WE NEXPERIA-PDTC144WE Datasheet
420Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
More results

Similar Description - PDTC144WE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC124E PHILIPS-PDTC124E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PEMB17 PHILIPS-PEMB17 Datasheet
59Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Rev. 02-3 February 2005
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMD16 NEXPERIA-PEMD16_V01 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
logo
NXP Semiconductors
PEMD16_PUMD16 PHILIPS-PEMD16_PUMD16_15 Datasheet
126Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 22 k?? R2 = 47 k?
Rev. 3-28 June 2011
logo
Nexperia B.V. All right...
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
   NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
logo
NXP Semiconductors
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com