Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9509DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9509DP
Description  Level translating I2C-bus/SMBus repeater
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9509DP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9509DP Datasheet HTML 1Page - NXP Semiconductors PCA9509DP Datasheet HTML 2Page - NXP Semiconductors PCA9509DP Datasheet HTML 3Page - NXP Semiconductors PCA9509DP Datasheet HTML 4Page - NXP Semiconductors PCA9509DP Datasheet HTML 5Page - NXP Semiconductors PCA9509DP Datasheet HTML 6Page - NXP Semiconductors PCA9509DP Datasheet HTML 7Page - NXP Semiconductors PCA9509DP Datasheet HTML 8Page - NXP Semiconductors PCA9509DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PCA9509_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
3 of 16
Philips Semiconductors
PCA9509
Level translating I2C-bus/SMBus repeater
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
Port A and port B can be used for either SCL or SDA.
6.
Functional description
Refer to Figure 1 “Functional diagram of PCA9509”.
The PCA9509 enables I2C-bus or SMBus translation down to VCC(A) as low as 1.0 V
without degradation of system performance. The PCA9509 contains 2 bidirectional
open-drain buffers specifically designed to support up-translation/down-translation
between the low voltage and 3.3 V SMBus or 5 V I2C-bus. The port B I/Os are
over-voltage tolerant to 5.5 V even when the device is unpowered.
The PCA9509 includes a power-up circuit that keeps the output drivers turned off until
VCC(B) is above 2.5 V and the VCC(A) is above 0.8 V. VCC(B) and VCC(A) can be applied in
any sequence at power-up. After power-up and with the EN pin HIGH, a LOW level on
port A (below approximately 0.15 V) turns the corresponding port B driver (either SDA or
SCL) on and drives port B down to about 0 V. When port A rises above approximately
0.15 V, the port B pull-down driver is turned off and the external pull-up resistor pulls the
pin HIGH. When port B falls first and goes below 0.3VCC(B), the port A driver is turned on
and port A pulls down to 0.2 V (typical). The port B pull-down is not enabled unless the
port A voltage goes below VILc. If the port A low voltage goes below VILc, the port B
Fig 2.
Pin configuration for TSSOP8
Fig 3.
Pin configuration for SO8
PCA9509DP
VCC(A)
VCC(B)
A1
B1
A2
B2
GND
EN
002aac126
1
2
3
4
6
5
8
7
PCA9509D
VCC(A)
VCC(B)
A1
B1
A2
B2
GND
EN
002aac127
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
port A power supply
A1[1]
2
port A (lower voltage side)
A2[1]
3
port A
GND
4
ground (0 V)
EN
5
enable input (active HIGH)
B2[1]
6
port B (SMBus/I2C-bus side)
B1[1]
7
port B
VCC(B)
8
port B power supply


Similar Part No. - PCA9509DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509DP NXP-PCA9509DP Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
More results

Similar Description - PCA9509DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com