Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS9110X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS9110X
Description  100 V, 1 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS9110X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS9110X Datasheet HTML 6Page - NXP Semiconductors PBSS9110X Datasheet HTML 7Page - NXP Semiconductors PBSS9110X Datasheet HTML 8Page - NXP Semiconductors PBSS9110X Datasheet HTML 9Page - NXP Semiconductors PBSS9110X Datasheet HTML 10Page - NXP Semiconductors PBSS9110X Datasheet HTML 11Page - NXP Semiconductors PBSS9110X Datasheet HTML 12Page - NXP Semiconductors PBSS9110X Datasheet HTML 13Page - NXP Semiconductors PBSS9110X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9397 750 14765
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2005
10 of 15
Philips Semiconductors
PBSS9110X
100 V, 1 A PNP low VCEsat (BISS) transistor
8.
Test information
Fig 14. BISS transistor switching time definition
VCC = −10 V; IC = −0.5 A; IBon = −0.025 A; IBoff = 0.025 A
Fig 15. Test circuit for switching times
006aaa266
−I
Bon (100 %)
−I
B
input pulse
(idealized waveform)
−I
Boff
90 %
10 %
−I
C (100 %)
−I
C
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS9110X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110X NXP-PBSS9110X Datasheet
208Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
logo
Nexperia B.V. All right...
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
logo
NXP Semiconductors
PBSS9110X PHILIPS-PBSS9110X_15 Datasheet
208Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
More results

Similar Description - PBSS9110X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110Y NXP-PBSS9110Y Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110Y PHILIPS-PBSS9110Y_15 Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110D PHILIPS-PBSS9110D_15 Datasheet
189Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-22 November 2009
PBSS9110Z PHILIPS-PBSS9110Z_15 Datasheet
206Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
logo
Nexperia B.V. All right...
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
logo
NXP Semiconductors
PBSS9110X NXP-PBSS9110X Datasheet
208Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com