Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5517 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # 2SC5517
Description  Horizontal Deflection Transistor Series for TV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5517 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  2SC5517 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 3Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 4Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 5Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 6Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 7Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 8Page - Panasonic Semiconductor 2SC5517 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Parameter
Emitter to base voltage
Forward current transfer ratio
Base to emitter saturation voltage
Transition frequency
Storage time
Fall time
Diode characteristics
Rating
1500
1500
5
14*3
7
3.5
150
-55 to +150
Unit
V
V
V
A
A
A
W
°C
°C
Symbol
VCBO
VCES
VEBO
ICP
IC
IB
PC
Tj
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power dissipation
Junction temperature
Storage temperature
40*1
3*2
min
-
-
5
5
-
-
-
-
-
-
Conditions
VCB=1000V,IE=0
VCB=1500V,IE=0
IE=500mA,IC=0
VCE=5V,IC=5A
IC=5A,IB=1A
IC=5A,IB=1A
VCE=10V,IC=0.1A,f=0.5MHz
IC=5A,IB1=1A,IB2=2A
IC=5A,IB1=1A,IB2=2A
IF=5A
s Electrical Characteristics(TC=25
°C )
Collector cutoff current
Collector to emitter saturation
voltage
Symbol
ICBO
ICBO
VEBO
fFE
VCE(sat)
VBE(sat)
fT
Tstg
Tf
VF
typ
-
-
-
-
-
-
3
-
-
-
max
50
1
-
9
3
1.5
-
0.5
5
-2
Unit
µA
mA
V
V
V
MHz
µs
µs
V
s Absolute Maximum Ratings
*1)TC=25
°C ,*2)Ta=25°C(Without heat sink)
*3)Non-repetitive peak collector current.
15.5
±0.5
3.0
±0.3
φ3.2±0.1
5.45
±0.3
123
5.45
±0.3
1.1
±0.1
2.0
±0.2
4.0
5
°
5
°
5
°
5
°
5
°
5
°
0.7
±0.1
TOP-3E
Unit:mm
2SC5518
Horizontal Deflection Output Transistor


Similar Part No. - 2SC5517

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5517 PANASONIC-2SC5517 Datasheet
35Kb / 2P
   Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Inchange Semiconductor ...
2SC5517 ISC-2SC5517 Datasheet
248Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5517

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
JILIN SINO-MICROELECTRO...
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
   Horizontal deflection output for color TV.
logo
General Electric Compan...
6AV5GA GEC-6AV5GA Datasheet
351Kb / 4P
   FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
logo
JILIN SINO-MICROELECTRO...
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
   Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
   Horizontal deflection output for color TV
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
   Horizontal deflection output for color TV.
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
   Horizontal deflection output for color TV.
3DD5023P JSMC-3DD5023P Datasheet
210Kb / 5P
   Horizontal deflection output for color TV
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION CIRCUIT
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com