Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87LPC778 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 5 Page - NXP Semiconductors

  P87LPC778 Datasheet HTML 1Page - NXP Semiconductors P87LPC778 Datasheet HTML 2Page - NXP Semiconductors P87LPC778 Datasheet HTML 3Page - NXP Semiconductors P87LPC778 Datasheet HTML 4Page - NXP Semiconductors P87LPC778 Datasheet HTML 5Page - NXP Semiconductors P87LPC778 Datasheet HTML 6Page - NXP Semiconductors P87LPC778 Datasheet HTML 7Page - NXP Semiconductors P87LPC778 Datasheet HTML 8Page - NXP Semiconductors P87LPC778 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
5 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
20 pin DIP and SO configuration.
handbook, halfpage
002aaa612
1
2
3
4
5
6
7
8
9
10
PWM3/CMP2/P0.0
PWM2/P1.7
PWM1/P1.6
RST/P1.5
VSS
X1/P2.1
X2/CLKOUT/P2.0
INT1/P1.4
SDA/INT0/P1.3
SCL/T0/P1.2
P0.1/CIN2B/PWM0
P0.2/CIN2A
P0.3/CIN1B/AD0
P0.4/CIN1A/AD1
P0.5/CMPREF/AD2
VDD
P0.6/CMP1/AD3
P0.7/T1
P1.0/TxD
P1.1/RxD
20
19
18
17
16
15
14
13
12
11
Table 2:
Pin description
Symbol
Pin
Type
Description
P0.0 - P0.7
1, 20-16,
14, 13
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. Port 0 latches are
configured in the quasi-bidirectional mode and have either ones or zeros written to them
during reset, as determined by the PRHI bit in the UCFG1 configuration byte. The
operation of port 0 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 8.9 “I/O ports” and
Table 67 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
Port 0 also provides various special functions as described below:
P0.0
1
O
CMP2 — Comparator 2 output.
O
PWM3 — PWM output 3.
P0.1
20
I
CIN2B — Comparator 2 positive input B.
O
PWM0 — PWM output 0.
P0.2
19
I
CIN2A — Comparator 2 positive input A.
P0.3
18
I
CIN1B — Comparator 1 positive input B.
I
AD0 — A/D channel 0 input.
P0.4
17
I
CIN1A — Comparator 1 positive input A.
I
AD1 — A/D channel 1 input.
P0.5
16
I
CMPREF — Comparator reference (negative) input.
I
AD2 — A/D channel 2 input.
P0.6
14
O
CMP1 — Comparator 1 output.
I
AD3 — A/D channel 3 input.


Similar Part No. - P87LPC778

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC779 PHILIPS-P87LPC779 Datasheet
345Kb / 74P
   CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
Rev. 02-03 May 2004
P87LPC779FDH PHILIPS-P87LPC779FDH Datasheet
345Kb / 74P
   CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
Rev. 02-03 May 2004
More results

Similar Description - P87LPC778

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC779 PHILIPS-P87LPC779 Datasheet
345Kb / 74P
   CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
Rev. 02-03 May 2004
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P87C51MB2_MC2 PHILIPS-P87C51MB2_MC2 Datasheet
970Kb / 36P
   80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
Rev. 03-13 November 2003
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
logo
NXP Semiconductors
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
logo
Sanyo Semicon Device
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
NXP Semiconductors
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com