Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMI15-4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMI15-4
Description  Rotational speed sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15-4 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMI15-4 Datasheet HTML 1Page - NXP Semiconductors KMI15-4 Datasheet HTML 2Page - NXP Semiconductors KMI15-4 Datasheet HTML 3Page - NXP Semiconductors KMI15-4 Datasheet HTML 4Page - NXP Semiconductors KMI15-4 Datasheet HTML 5Page - NXP Semiconductors KMI15-4 Datasheet HTML 6Page - NXP Semiconductors KMI15-4 Datasheet HTML 7Page - NXP Semiconductors KMI15-4 Datasheet HTML 8Page - NXP Semiconductors KMI15-4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Sep 05
2
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
FEATURES
• Digital current output signal
• Zero speed capability
• Wide air gap
• Wide temperature range
• Vibration insensitive
• EMC resistant.
DESCRIPTION
The KMI15/4 sensor detects rotational speed of ferrous
gear wheels and reference marks(1).
The sensor consists of a magnetoresistive sensor
element, a signal conditioning integrated circuit in bipolar
technology and a ferrite magnet. The frequency of the
digital current output signal is proportional to the rotational
speed of a gear wheel.
PINNING
(1) The sensor contains a customized integrated circuit. Usage in
hydraulic brake systems and in systems with active brake
control is forbidden. For all other applications, higher
temperature versions of up to 150
°C are available on
request.
CAUTION
Do not press two or more products together against their
magnetic forces.
PIN
DESCRIPTION
1VCC
2V
Fig.1 Simplified outline (SOT453C).
handbook, halfpage
MBH782
12
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
12
V
Tamb
ambient operating temperature
−40
+85
°C
ICC (low)
current output signal low
7
mA
ICC (high)
current output signal high
14
mA
ft
operating tooth frequency
0
25000
Hz
d
sensing distance
0 to 2.0
0 to 2.3
mm


Similar Part No. - KMI15-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
More results

Similar Description - KMI15-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com