Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1504A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ISP1504A
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1504A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ISP1504A Datasheet HTML 2Page - NXP Semiconductors ISP1504A Datasheet HTML 3Page - NXP Semiconductors ISP1504A Datasheet HTML 4Page - NXP Semiconductors ISP1504A Datasheet HTML 5Page - NXP Semiconductors ISP1504A Datasheet HTML 6Page - NXP Semiconductors ISP1504A Datasheet HTML 7Page - NXP Semiconductors ISP1504A Datasheet HTML 8Page - NXP Semiconductors ISP1504A Datasheet HTML 9Page - NXP Semiconductors ISP1504A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
ISP1504A_ISP1504C_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 19 October 2006
6 of 84
NXP Semiconductors
ISP1504A; ISP1504C
ULPI HS USB OTG transceiver
[1]
Symbol names ending with underscore N, for example, NAME_N, indicate active LOW signals.
[2]
For details on external components required on each pin, see bill of materials and application diagrams in Section 16.
[3]
I = input; O = output; I/O = digital input/output; OD = open-drain output; AI = analog input; AO = analog output; AI/O = analog
input/output; P = power or ground pin.
[4]
A detailed description of these pins can be found in Section 7.9.
VBUS
13
AI/O
VBUS pin of the USB cable
5 V tolerant
REG3V3
14
P
3.3 V regulator output
XTAL1
15
AI
crystal oscillator or clock input
XTAL2
16
AO
crystal oscillator output
RESET_N
17
I
active LOW, asynchronous reset input
plain input
REG1V8
18
P
1.8 V regulator output
DIR
19
O
ULPI direction signal
slew-rate controlled output (1 ns)
STP
20
I
ULPI stop signal
plain input; programmable pull up
NXT
21
O
ULPI next signal
slew-rate controlled output (1 ns)
VCC(I/O)
22
P
I/O supply rail
DATA7
23
I/O
pin 7 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
DATA6
24
I/O
pin 6 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
DATA5
25
I/O
pin 5 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
DATA4
26
I/O
pin 4 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
CLOCK
27
I/O
60 MHz clock output when a crystal is attached; requires 60 MHz clock input when
the crystal is not attached
slew-rate controlled output (1 ns); plain input
DATA3
28
I/O
pin 3 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
CHIP_SELECT_
N
29
I
active LOW chip select
plain input
VCC(I/O)
30
P
I/O supply rail
DATA2
31
I/O
pin 2 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
DATA1
32
I/O
pin 1 of the bidirectional ULPI data bus
slew-rate controlled output (1 ns); plain input; programmable pull down
GND
die
pad
P
ground supply; down bonded to the exposed die pad (heat sink); to be connected to
the PCB ground
Table 2.
Pin description …continued
Symbol[1][2]
Pin
Type[3]
Description[4]


Similar Part No. - ISP1504A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1504A1ET NXP-ISP1504A1ET Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
More results

Similar Description - ISP1504A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com