Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL2007PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # GTL2007PW
Description  13-bit GTL to LVTTL translator with power good control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button GTL2007PW Datasheet HTML 6Page - NXP Semiconductors GTL2007PW Datasheet HTML 7Page - NXP Semiconductors GTL2007PW Datasheet HTML 8Page - NXP Semiconductors GTL2007PW Datasheet HTML 9Page - NXP Semiconductors GTL2007PW Datasheet HTML 10Page - NXP Semiconductors GTL2007PW Datasheet HTML 11Page - NXP Semiconductors GTL2007PW Datasheet HTML 12Page - NXP Semiconductors GTL2007PW Datasheet HTML 13Page - NXP Semiconductors GTL2007PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
10 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
12. Dynamic characteristics
Table 13:
Dynamic characteristics
VCC = 3.3 V ± 0.3 V
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Vref = 0.73 V; VTT = 1.1 V
tPLH
propagation delay, An to Bn
see Figure 4
148ns
tPHL
2
5.5
10
ns
tPLH
propagation delay, nBI to nAO
see Figure 5
2
5.5
10
ns
tPHL
2
5.5
10
ns
tPLH
propagation delay, 9BI to 10BOn
2
6
11
ns
tPHL
2
6
11
ns
tPLH
propagation delay, 11BI to 11BO
2
8
13
ns
tPHL [2]
214
21
ns
tPLZ
disable time from LOW level,
nBI to nA (I/O)
see Figure 6
213
18
ns
tPZL
enable time to LOW level,
nBI to nA (I/O)
212
16
ns
tPLH
propagation delay,
5BI to 7BO1 or 6BI to 7BO2
see Figure 7
4
7
12
ns
tPHL
100
205
350
ns
tPLH
propagation delay,
EN1 to nAO or EN2 to nAO
see Figure 8
2
6.5
10
ns
tPHL
2
6.5
10
ns
tPLZ
disable time from LOW level,
EN1 to 5A (I/O) or EN2 to 6A (I/O)
see Figure 9
137ns
tPZL
enable time to LOW level,
EN1 to 5A (I/O) or EN2 to 6A (I/O)
2
7
10
ns
Vref = 0.76 V; VTT = 1.2 V
tPLH
propagation delay, An to Bn
see Figure 4
148ns
tPHL
2
5.5
10
ns
tPLH
propagation delay, nBI to nAO
see Figure 5
2
5.5
10
ns
tPHL
2
5.5
10
ns
tPLH
propagation delay, 9BI to 10BOn
2
6
11
ns
tPHL
2
6
11
ns
tPLH
propagation delay, 11BI to 11BO
2
8
13
ns
tPHL [2]
214
21
ns
tPLZ
disable time from LOW level,
nBI to nA (I/O)
see Figure 6
213
18
ns
tPZL
enable time to LOW level,
nBI to nA (I/O)
212
16
ns
tPLH
propagation delay,
5BI to 7BO1 or 6BI to 7BO2
see Figure 7
4
7
12
ns
tPHL
100
205
350
ns


Similar Part No. - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2007PW NXP-GTL2007PW Datasheet
120Kb / 20P
   12-bit GTL to LVTTL translator with power good control
Rev. 02-16 February 2007
More results

Similar Description - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2007 NXP-GTL2007 Datasheet
120Kb / 20P
   12-bit GTL to LVTTL translator with power good control
Rev. 02-16 February 2007
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2008 PHILIPS-GTL2008 Datasheet
116Kb / 20P
   12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 02-26 September 2006
GTL2008 NXP-GTL2008 Datasheet
201Kb / 22P
   12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 04-19 February 2010
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com