Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLC6G22LS-100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLC6G22LS-100
Description  UHF power LDMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC6G22LS-100 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLC6G22LS-100 Datasheet HTML 1Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 2Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 3Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 4Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 5Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 6Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 7Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 8Page - NXP Semiconductors BLC6G22LS-100 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BLC6G22-100_6G22LS-100_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Objective data sheet
Rev. 01 — 30 January 2006
2 of 9
Philips Semiconductors
BLC6G22-100; BLC6G22LS-100
UHF power LDMOS transistor
1.3 Applications
s RF power amplifiers for W-CDMA base stations and multi carrier applications in the
2000 MHz to 2200 MHz frequency range.
2.
Pinning information
[1]
Connected to flange
3.
Ordering information
4.
Limiting values
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
BLC6G22-100 (SOT895-1)
1
drain
2
gate
3
source
[1]
BLC6G22LS-100 (SOT896-1)
1
drain
2
gate
3
source
[1]
3
2
1
sym112
1
3
2
3
2
1
sym112
1
3
2
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BLC6G22-100
-
plastic flanged cavity package; 2 mounting slots; 2 leads
SOT895-1
BLC6G22LS-100 -
plastic earless flanged cavity package; 2 leads
SOT896-1
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
−0.5
+13
V
ID
drain current
-
<tbd>
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
225
°C


Similar Part No. - BLC6G22LS-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC6G22LS-130 PHILIPS-BLC6G22LS-130 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
Rev. 01-30 January 2006
More results

Similar Description - BLC6G22LS-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com