Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG25X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG25X
Description  NPN 5 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG25X Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG25X Datasheet HTML 1Page - NXP Semiconductors BFG25X Datasheet HTML 2Page - NXP Semiconductors BFG25X Datasheet HTML 3Page - NXP Semiconductors BFG25X Datasheet HTML 4Page - NXP Semiconductors BFG25X Datasheet HTML 5Page - NXP Semiconductors BFG25X Datasheet HTML 6Page - NXP Semiconductors BFG25X Datasheet HTML 7Page - NXP Semiconductors BFG25X Datasheet HTML 8Page - NXP Semiconductors BFG25X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Oct 29
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
Fig.6
Gain as a function of collector current;
typical values.
VCE = 1 V; f = 500 MHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
30
20
10
0
MCD141
gain
(dB)
I
(mA)
C
0
1.0
2.5
0.5
1.5
2.0
MSG
GUM
Fig.7
Gain as a function of collector current;
typical values.
VCE = 1 V; f = 1 GHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
0
1.0
2.5
20
15
5
0
10
MCD142
0.5
1.5
2.0
gain
(dB)
I
(mA)
C
MSG
GUM
Fig.8
Gain as a function of frequency;
typical values.
IC = 0.5 mA; VCE =1V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
50
MCD143
10
10
2
10
3
10
4
0
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Fig.9
Gain as a function of frequency;
typical values.
IC = 1 mA; VCE =1V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
50
MCD144
10
10
2
10
3
10
4
0
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG


Similar Part No. - BFG25X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG25A NXP-BFG25A Datasheet
289Kb / 12P
   NPN 5 GHz wideband transistor
Rev. 02-18 March 2010
BFG25A-X NXP-BFG25A-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG25A/X NXP-BFG25A/X Datasheet
289Kb / 12P
   NPN 5 GHz wideband transistor
Rev. 02-18 March 2010
BFG25A/X NXP-BFG25A/X Datasheet
288Kb / 12P
   NPN 5 GHz wideband transistor
Rev. 04
BFG25AW PHILIPS-BFG25AW Datasheet
143Kb / 16P
   NPN 5 GHz wideband transistors
1998 Sep 23
More results

Similar Description - BFG25X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com