Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G17GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT2G17GW
Description  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G17GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT2G17GW Datasheet HTML 6Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 7Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 8Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 9Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 10Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 11Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 12Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 13Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT2G17_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
10 of 18
NXP Semiconductors
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
15. Waveforms transfer characteristics
74HCT2G17
VT+
positive-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
1.20
1.58
1.90
1.20
1.90
1.90
V
VCC = 5.5 V
1.40
1.78
2.10
1.40
2.10
2.10
V
VT−
negative-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
0.50
0.87
1.20
0.50
1.20
1.20
V
VCC = 5.5 V
0.60
1.11
1.40
0.60
1.40
1.40
V
VH
hysteresis voltage
VT+ − VT−; see Figure 7,
Figure 8 and Figure 10
VCC = 4.5 V
0.40
0.71
-
0.40
-
-
V
VCC = 5.5 V
0.40
0.67
-
0.40
-
-
V
Table 12.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+ and VT- limits at 70 % and 20 %.
Fig 7.
Transfer characteristic
Fig 8.
Definition of VT+, VT- and VH
mnb154
VO
VH
VI
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−


Similar Part No. - 74HCT2G17GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G17GW NEXPERIA-74HCT2G17GW Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HCT2G17GW-Q100 NEXPERIA-74HCT2G17GW-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
More results

Similar Description - 74HCT2G17GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com