Electronic Components Datasheet Search |
|
74HCT2G17GW Datasheet(PDF) 4 Page - NXP Semiconductors |
|
74HCT2G17GW Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 18 page 74HC_HCT2G17_1 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 01 — 6 October 2006 4 of 18 NXP Semiconductors 74HC2G17; 74HCT2G17 Dual non-inverting Schmitt trigger 9. Limiting values [1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For SC-88 and SC-74 packages: above 87.5 °C the value of Ptot derates linearly with 4.0 mW/K. 10. Recommended operating conditions 11. Static characteristics Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 V [1] - ±20 mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V [1] - ±20 mA IO output current VO = −0.5 V to VCC + 0.5 V [1] - ±25 mA ICC supply current [1] -50 mA IGND ground current [1] - −50 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation [2] - 250 mW Table 6. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit Type 74HC2G17 VCC supply voltage 2.0 5.0 6.0 V VI input voltage 0 - VCC V VO output voltage 0 - VCC V Tamb ambient temperature −40 +25 +125 °C Type 74HCT2G17 VCC supply voltage 4.5 5.0 5.5 V VI input voltage 0 - VCC V VO output voltage 0 - VCC V Tamb ambient temperature −40 +25 +125 °C Table 7. Static characteristics for 74HC2G17 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = 25 °C VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 2.0 V 1.9 2.0 - V IO = −20 µA; VCC = 4.5 V 4.4 4.5 - V IO = −20 µA; VCC = 6.0 V 5.9 6.0 - V IO = −4.0 mA; VCC = 4.5 V 4.18 4.32 - V IO = −5.2 mA; VCC = 6.0 V 5.68 5.81 - V |
Similar Part No. - 74HCT2G17GW |
|
Similar Description - 74HCT2G17GW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |