Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT594PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AHCT594PW
Description  8-bit shift register with output register
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT594PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74AHCT594PW Datasheet HTML 1Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 2Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 3Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 4Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT594PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
74AHC_AHCT594_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2006
5 of 29
Philips Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input
Fig 7.
Pin configuration TSSOP16
Fig 8.
Pin configuration DHVQFN16
74AHC594
74AHCT594
Q1
VCC
Q2
Q0
Q3
DS
Q4
STR
Q5
STCP
Q6
SHCP
Q7
SHR
GND
Q7S
001aae344
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aae345
74AHC594
74AHCT594
Q7
SHR
Q6
SHCP
Q5
STCP
Q4
STR
Q3
DS
Q2
Q0
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
Q1
1
parallel data output Q1
Q2
2
parallel data output Q2
Q3
3
parallel data output Q3
Q4
4
parallel data output Q4
Q5
5
parallel data output Q5
Q6
6
parallel data output Q6
Q7
7
parallel data output Q7
GND
8
ground (0 V)
Q7S
9
serial data output Q7S
SHR
10
shift register reset SHR (active LOW)
SHCP
11
shift register clock input SHCP
STCP
12
storage register clock input STCP
STR
13
storage register reset STR (active LOW)
DS
14
serial data input DS
Q0
15
parallel data output Q0
VCC
16
supply voltage


Similar Part No. - 74AHCT594PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCT594PW NEXPERIA-74AHCT594PW Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHCT594PW-Q100 NEXPERIA-74AHCT594PW-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
More results

Similar Description - 74AHCT594PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com