Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM514270DLJ-8 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM514270DLJ-8
Description  262,144-word x 16-bit Dynamic RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM514270DLJ-8 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM514270DLJ-8 Datasheet HTML 5Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 6Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 7Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 8Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 9Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 10Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 11Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 12Page - Hitachi Semiconductor HM514270DLJ-8 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
HM51(S)4170D Series, HM51(S)4270D Series
9
DC Characteristics
(Ta = 0 to +70
°C, V
CC = 5 V ± 10%, VSS = 0 V)*
5 (HM51(S)4170D Series)
HM514170D, HM51S4170D
-6
-7
-8
Parameter
Symbol
Min
Max Min
Max Min
Max
Unit Test conditions
Operating current*
1, *2
I
CC1
135
120
105
mA
RAS, CAS cycling, t
RC = min
Standby current
I
CC2
—2
—2
—2
mA TTL interface,
RAS, CAS = V
IH
Dout = High-Z
1
1
1
mA CMOS interface
RAS, CAS, UWE, LWE, OE
≥ V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
200
200
200
µA CMOS interface
RAS, CAS, OE, UWE,
LWE
≥ V
CC – 0.2 V
Dout = High-Z
RAS-only refresh current*2
I
CC3
135
120
100
mA t
RC = min
CAS-before-RAS refresh
current*
2
I
CC6
135
120
100
mA t
RC = min
Fast page mode current*1, *3
I
CC7
150
120
100
mA t
PC = min
Battery backup current*
4
(Standby with CBR
refresh) (L-version)
I
CC10
300
300
300
µA Standby: CMOS interface
Dout = High-Z
CBR refresh: t
RC = 125 µs
t
RAS ≤ 1 µs, CAS = VIL
LWE, UWE, OE = V
IH
Self-refresh mode current
(HM51S4170D)
I
CC11
1
1
1
mA CMOS interface
RAS, CAS
≤ 0.2 V,
Dout = High-Z
Self-refresh mode current
(HM51S4170DL)
I
CC11
200
200
200
µA CMOS interface
RAS, CAS
≤ 0.2 V
Dout = High-Z
Input leakage current
I
LI
–10
10
–10
10
–10
10
µA 0 V ≤ Vin ≤ 6.5 V
Output leakage current
I
LO
–10
10
–10
10
–10
10
µA 0 V ≤ Vout ≤ 6.5 V
Dout = disable
Output high voltage
V
OH
2.4
V
CC
2.4
V
CC
2.4
V
CC
V
High Iout = –5.0 mA
Output low voltage
V
OL
0
0.4
0
0.4
0
0.4
V
Low Iout = 4.2 mA
Notes: 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the output
open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Address can be changed once or less while
CAS = V
IH.
4. V
IH ≥ V CC – 0.2 V,
0
≤ V
IL ≤ 0.2 V, Address can be changed once or less while RAS = VIL.
5. All the V
CC pins shall be supplied with the same voltage.
And all the V
SS pins shall be supplied with
the same voltage.


Similar Part No. - HM514270DLJ-8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514260A HITACHI-HM514260A Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-10 HITACHI-HM514260AJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-7 HITACHI-HM514260AJ-7 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-8 HITACHI-HM514260AJ-8 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260ALJ-10 HITACHI-HM514260ALJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
More results

Similar Description - HM514270DLJ-8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514260BJ TOSHIBA-TC514260BJ Datasheet
1Mb / 29P
   262,144 WORD X 16 BIT DYNAMIC RAM
TC51V4260DFTS-60 TOSHIBA-TC51V4260DFTS-60 Datasheet
426Kb / 7P
   262,144 WORD X 16 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
   262,144-WORD x 1-BIT DYNAMIC RAM
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
   262,144-WORD X 1-BIT DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4256A LG-GM71C4256A Datasheet
1,021Kb / 18P
   262,144 WORD x 4 BIT CMOS DYNAMIC RAM
GM71C4256 LG-GM71C4256 Datasheet
475Kb / 17P
   262,144 WORD x 4 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514258P TOSHIBA-TC514258P Datasheet
1Mb / 18P
   262,144 WORD X4 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com