Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72821L15PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72821L15PF
Description  DUAL CMOS SyncFIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72821L15PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72821L15PF Datasheet HTML 3Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72821L15PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5.15
7
COMMERCIAL TEMPERATURE
72801/72811/72821/72831/72841 DUAL CMOS SyncFIFO
256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
LDA WENA1 WCLKA(1)
OPERATION ON FIFO A
LDB WENB1 WCLKB(1)
OPERATION ON FIFO B
0
0
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
NOTE:
3034 drw 04
1. The same selection sequence applies to reading from the registers.
RENA1 and RENA2 (RENB1 and RENB2) are enabled and read is per-
formed on the LOW-to-HIGH transition of RCLKA (RCLKB).
Figure 3. Offset Register Formats and Default Values for the A and B FIFOs
If FIFO A (B) is configured to have programmable flags,
when the
WENA1 (WENB1) and WENA2/LDA (WENB2/LDB)
are set LOW, data on the DA (DB) inputs are written into the
Empty (Least Significant Bit) offset register on the first LOW-
to-HIGH transition of the WCLKA (WCLKB). Data are written
into the Empty (Most Significant Bit) offset register on the
second LOW-to-HIGH transition of WCLKA (WCLKB), into
the Full (Least Significant Bit) offset register on the third
transition, and into the Full (Most Significant Bit) offset register
on the fourth transition. The fifth transition of WCLKA (WCLKB)
again writes to the Empty (Least Significant Bit) offset register.
However, writing all offset registers does not have to occur
at one time. One or two offset registers can be written and then
by bringing
LDA (LDB) HIGH, FIFO A (B) is returned to normal
read/write operation. When
LDA(LDB)issetLOW,and WENA1
(
WENB1) is LOW, the next offset register in sequence is
written.
The contents of the offset registers can be read on the QA
(QB) outputs when WENA2/
LDA (WENB2/LDB) is set LOW
and both Read Enables
RENA1, RENA2 (RENB1, RENB2) are
set LOW. Data can be read on the LOW-to-HIGH transition of
the read clock RCLKA (RCLKB).
A read and write should not be performed simultaneously
to the offset registers.
Figure 2. Writing to Offset Registers for FIFOs A and B
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72801 - 256 x 9 x 2
72811 - 512 x 9 x 2
7
7
80
(MSB)
1
00
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72831 - 2048 x 9 x 2
72841 - 4096 x 9 x 2
7
7
80
80
(MSB)
0000
2
(MSB)
000
3
80
80
(MSB)
0000
2
(MSB)
000
3
80
8
0
80
(MSB)
1
0
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
72821 - 1024 x 9 x 2
80
(MSB)
00
1
80
(MSB)
00
1
3034 drw 05


Similar Part No. - IDT72821L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72821L15PF IDT-IDT72821L15PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72821L15PFI IDT-IDT72821L15PFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72821L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com