Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72421L12J Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72421L12J
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421L12J Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72421L12J Datasheet HTML 4Page - Integrated Device Technology IDT72421L12J Datasheet HTML 5Page - Integrated Device Technology IDT72421L12J Datasheet HTML 6Page - Integrated Device Technology IDT72421L12J Datasheet HTML 7Page - Integrated Device Technology IDT72421L12J Datasheet HTML 8Page - Integrated Device Technology IDT72421L12J Datasheet HTML 9Page - Integrated Device Technology IDT72421L12J Datasheet HTML 10Page - Integrated Device Technology IDT72421L12J Datasheet HTML 11Page - Integrated Device Technology IDT72421L12J Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
5.07
8
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OUTPUTS:
Full Flag (
FF
FF) — The Full Flag (FF) will go LOW, inhibiting
further write operation, when the device is full. If no reads are
performed after Reset (
RS), the Full Flag (FF) will go LOW
after 64 writes for the IDT72421, 256 writes for the IDT72201,
512 writes for the IDT72211, 1024 writes for the IDT72221,
2048 writes for the IDT72231, and 4096 writes for the IDT72241.
The Full Flag (
FF) is synchronized with respect to the LOW-
to-HIGH transition of the write clock (WCLK).
Empty Flag (
EF
EF) — The Empty Flag (EF) will go LOW,
inhibiting further read operations, when the read pointer is
equal to the write pointer, indicating the device is empty.
The Empty Flag (
EF) is synchronized with respect to the
LOW-to-HIGH transition of the read clock (RCLK).
Programmable Almost-Full Flag (
PAF
PAF) — The
Programmable Almost-Full Flag (
PAF) will go LOW when the
FIFO reaches the Almost-Full condition. If no reads are
performed after Reset (
RS), the Programmable Almost-Full
Flag (
PAF) will go LOW after (64-m) writes for the IDT72421,
(256-m) writes for the IDT72201, (512-m) writes for the
IDT72211, (1024-m) writes for the IDT72221, (2048-m) writes
for the IDT72231, and (4096-m) writes for the IDT72241. The
offset “m” is defined in the Full offset registers.
If there is no Full offset specified, the Programmable
Almost-Full Flag (
PAF) will go LOW at Full-7 words.
The Programmable Almost-Full Flag (
PAF) is synchronized
with respect to the LOW-to-HIGH transition of the write clock
(WCLK).
Programmable Almost-Empty Flag (
PAE
PAE) — The
Programmable Almost-Empty Flag (
PAE) will go LOW when
the read pointer is "n+1" locations less than the write pointer.
The offset "n" is defined in the Empty offset registers. If no
reads are performed after Reset the Programmable Almost-
Empty Flag (
PAE) will go HIGH after "n+1" for the IDT72421/
72201/72211/72221/72231/72241.
If there is no Empty offset specified, the Programmable
Almost-Empty Flag (
PAE) will go LOW at Empty+7 words.
The Programmable Almost-Empty Flag (
PAE) is
synchronized with respect to the LOW-to-HIGH transition of
the read clock (RCLK).
Data Outputs (Q0 - Q8) — Data outputs for a 9-bit wide
data.
TABLE 1: STATUS FLAGS
NUMBER OF WORDS IN FIFO
72421
72201
72211
FF
FF
PAF
PAF
PAE
PAE
EF
EF
00
0
H
H
L
L
1 to n
1 to n
1 to n
H
H
L
H
(n+1) to (64-(m+1))
(n+1) to (256-(m+1))
(n+1) to (512-(m+1))
HHHH
(64-m)
to 63
(256-m)
to 255
(512-m)
to 511
H
L
H
H
64
256
512
L
L
H
H
(1)
(1)
NUMBER OF WORDS IN FIFO
72221
72231
72241
FF
FF
PAF
PAF
PAE
PAE
EF
EF
00
0
H
H
L
L
1 to n
(1)
1 to n
(1)
1 to n
(1)
HH
L
H
(n+1) to (1024-(m+1))
(n+1) to (2048-(m+1))
(n+1) to (4096-(m+1))
HHHH
(1024-m)
(2) to 1023
(2048-m)
(2) to 2047
(4096-m)
(2) to 4095
H
L
H
H
1024
2048
4096
L
L
H
H
NOTES:
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)
(1)
(2)
(2)
(2)
2655 tbl 10
2655 tbl 11


Similar Part No. - IDT72421L12J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L10J IDT-IDT72421L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10JI IDT-IDT72421L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PF IDT-IDT72421L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PFI IDT-IDT72421L10PFI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L15J IDT-IDT72421L15J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421L12J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com