Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHB7D0N65P1 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KHB7D0N65P1
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KHB7D0N65P1 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KHB7D0N65P1 Datasheet HTML 1Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 2Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 3Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 4Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 5Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 6Page - KEC(Korea Electronics) KHB7D0N65P1 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2006. 2. 20
2/7
KHB7D0N65P1/F1
Revision No : 1
ELECTRICAL CHARACTERISTICS (Tc=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250 A, VGS=0V
650
-
-
V
Breakdown Voltage Temperature Coefficient
BVDSS/ Tj ID=250 A, Referenced to 25
-
0.8
-
V/
Drain Cut-off Current
IDSS
VDS=650V, VGS=0V,
-
-
10
A
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
2
-
4
V
Gate Leakage Current
IGSS
VGS= 30V, VDS=0V
-
-
100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=3.75A
-
1.2
1.4
Dynamic
Total Gate Charge
Qg
VDS=520V, ID=7.0A
VGS=10V
(Note4,5)
-
32
40
nC
Gate-Source Charge
Qgs
-
5.4
-
Gate-Drain Charge
Qgd
-
12.6
-
Turn-on Delay time
td(on)
VDD=325V
RL=46
RG=25
(Note4,5)
-
20
45
ns
Turn-on Rise time
tr
-
40
90
Turn-off Delay time
td(off)
-
125
260
Turn-off Fall time
tf
-
80
170
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
1310
1700
pF
Output Capacitance
Coss
-
113
147
Reverse Transfer Capacitance
Crss
-
11.4
14.8
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
7
A
Pulsed Source Current
ISP
-
-
28
Diode Forward Voltage
VSD
IS=7.0A, VGS=0V
-
-
1.5
V
Reverse Recovery Time
trr
IS=7.0A, VGS=0V,
dIs/dt=100A/ s
-
410
-
ns
Reverse Recovery Charge
Qrr
-
4
-
C
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L =8mH, IS=7.0A, VDD=50V, RG=25 , Starting Tj=25 .
Note 3) IS 7.0A, dI/dt 200A/ , VDD BVDSS, Starting Tj=25 .
Note 4) Pulse Test : Pulse width
300 , Duty Cycle
2%.
Note 5) Essentially independent of operating temperature.


Similar Part No. - KHB7D0N65P1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KHB7D0N65P1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com