Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUS3045MN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUS3045MN
Description  Overvoltage Protection IC with Integrated MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS3045MN Datasheet(HTML) 2 Page - ON Semiconductor

  NUS3045MN Datasheet HTML 1Page - ON Semiconductor NUS3045MN Datasheet HTML 2Page - ON Semiconductor NUS3045MN Datasheet HTML 3Page - ON Semiconductor NUS3045MN Datasheet HTML 4Page - ON Semiconductor NUS3045MN Datasheet HTML 5Page - ON Semiconductor NUS3045MN Datasheet HTML 6Page - ON Semiconductor NUS3045MN Datasheet HTML 7Page - ON Semiconductor NUS3045MN Datasheet HTML 8Page - ON Semiconductor NUS3045MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NUS2045MN, NUS3045MN
http://onsemi.com
2
Figure 1. Simplified Schematic
+
IN
VCC
GND
CNTRL
OUT
GATE
Schottky
Diode
LOAD
Microprocessor Port
NUSx045
C1
Undervoltage
Lock Out
Logic
FET
Driver
P−CH
Vref
AC/DC Adapter of
Accessory Charger
+
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
1
IN
This pin senses an external voltage point. If the voltage on this input rises above the overvoltage threshold
(VTH), the OUT pin will be driven to within 1.0 V of VCC, thus disconnecting the FET. The nominal threshold level
is 6.85 V and this threshold level can be increased with the addition of an external resistor between IN and VCC.
2, 10
GND
Circuit Ground
3
CNTRL
This logic signal is used to control the state of OUT and turn−on/off the P−channel MOSFET. A logic High
results in the OUT signal being driven to within 1.0 V of VCC which disconnects the FET. If this pin is not used,
the input should be connected to ground.
4, 9
DRAIN
Drain pin of the power MOSFET
5
SRC
Source pin of the power MOSFET
6
GATE
Gate pin of the power MOSFET
7
OUT
This signal drives the gate of a P−channel MOSFET. It is controlled by the voltage level on IN or the logic state
of the CNTRL input. When an overvoltage event is detected, the OUT pin is driven to within 1.0 V of VCC in less
than 1.0 _sec provided that gate and stray capacitance is less than 12 nF.
8
VCC
Positive Voltage supply. If VCC falls below 2.8 V (nom), the OUT pin will be driven to within 1.0 V of VCC, thus
disconnecting the P−channel FET.
OVERVOLTAGE PROTECTION CIRCUIT TRUTH TABLE
IN
CNTRL
OUT
<Vth
L
GND
<Vth
H
VCC
>Vth
L
VCC
>Vth
H
VCC


Similar Part No. - NUS3045MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS3045 ONSEMI-NUS3045 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NUS3045MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS3065MU ONSEMI-NUS3065MU Datasheet
110Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
March, 2007 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com