Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF6001MUT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF6001MUT2G
Description  6 Line EMI Filter with ESD Protection in UDFN Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6001MUT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NUF6001MUT2G Datasheet HTML 1Page - ON Semiconductor NUF6001MUT2G Datasheet HTML 2Page - ON Semiconductor NUF6001MUT2G Datasheet HTML 3Page - ON Semiconductor NUF6001MUT2G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF6001MU
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
VPP
18
kV
DC Power per Resistor
PR
100
mW
DC Power per Package
PT
600
mW
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
10
100
nA
Resistance
RA
IR = 20 mA
85
100
115
W
Capacitance (Notes 1 and 2)
Cd
VR = 2.5 V, f = 1.0 MHz
17
22
pF
Cut−Off Frequency (Note 3)
f3dB
Above this frequency,
appreciable attenuation occurs
120
MHz
1. Measured at 25°C, VR = 2.5 V, f = 1.0 MHz.
2. Total line capacitance is 2 times the Diode Capacitance (Cd).
3. 50 W source and 50 W load termination.


Similar Part No. - NUF6001MUT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6001MUT2G ONSEMI-NUF6001MUT2G Datasheet
144Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
More results

Similar Description - NUF6001MUT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6005MU ONSEMI-NUF6005MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 1
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
NUF2450MU ONSEMI-NUF2450MU Datasheet
60Kb / 3P
   2 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com