Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF2030XV6T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUF2030XV6T1G
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2030XV6T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NUF2030XV6T1G Datasheet HTML 1Page - ON Semiconductor NUF2030XV6T1G Datasheet HTML 2Page - ON Semiconductor NUF2030XV6T1G Datasheet HTML 3Page - ON Semiconductor NUF2030XV6T1G Datasheet HTML 4Page - ON Semiconductor NUF2030XV6T1G Datasheet HTML 5Page - ON Semiconductor NUF2030XV6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 2
1
Publication Order Number:
NUF2030XV6/D
NUF2030XV6, NUF2042XV6
USB Upstream Terminator
with ESD Protection
These devices are designed for applications requiring Line
Termination, EMI Filtering and ESD Protection. They are intended
for use in upstream USB ports, cellular phones, wireless equipment
and computer applications. These devices offer an integrated solution
in a small package (SOT−563) reducing PCB space and cost.
Features:
Provides USB Line Termination, Filtering and ESD Protection
Single IC Offers Cost Savings
Bidirectional EMI Filtering Prevents Noise from Entering/Leaving
the System
Compliance with IEC61000−4−2 (Level 4)
8 kV (Contact)
15 kV (Air)
ESD Ratings: Machine Model = C
:
Human Body Model = 3B
These are Pb−Free Devices
Benefits:
SOT−563 Package Minimizes PCB Space
Integrated Circuit Increases System Reliability versus Discrete
Component Implementation
TVs Devices Provide ESD Protection That is Better than a Discrete
Implementation because the Small IC minimizes Parasitic
Inductances
Typical Applications:
USB Hubs
Computer Peripherals Using USB
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Steady State Power
PD
225
mW
Maximum Junction Temperature
TJ(max)
125
°C
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Lead Solder Temperature
(10 second duration)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
SOT−563
CASE 463A
CIRCUIT DESCRIPTION
MARKING DIAGRAM
65
4
12
3
RS
D1(0)
VBUS
D2(0)
D1(i)
GND
D2(i)
RS
C1
C1
1
6
xx
= Specific Device Code
(see table on page 5)
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
xx M
G
G
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NUF2030XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2030 ONSEMI-NUF2030 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NUF2030XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
   USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2221W1T2 ONSEMI-NUF2221W1T2_05 Datasheet
60Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com